Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST34C87CF16 Datasheet(PDF) 4 Page - Exar Corporation

Part # ST34C87CF16
Description  QUAD RS-422 CMOS Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST34C87CF16 Datasheet(HTML) 4 Page - Exar Corporation

  ST34C87CF16 Datasheet HTML 1Page - Exar Corporation ST34C87CF16 Datasheet HTML 2Page - Exar Corporation ST34C87CF16 Datasheet HTML 3Page - Exar Corporation ST34C87CF16 Datasheet HTML 4Page - Exar Corporation ST34C87CF16 Datasheet HTML 5Page - Exar Corporation ST34C87CF16 Datasheet HTML 6Page - Exar Corporation ST34C87CF16 Datasheet HTML 7Page - Exar Corporation ST34C87CF16 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ST34C87
4
Rev. 1.01
ABSOLUTE MAXIMUM RATINGS
Supply Range
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage at Any Pin
GND-0.3V to VCC + 0.3V
. . . . . . . .
Operating Temperature
–40
°C to +85°C
. . . . . . . . . . .
Storage Temperature
-60
°C to +160°C
. . . . . . . . . . . .
Package Dissipation
500mW
. . . . . . . . . . . . . . . . . . . . .
Enable
A/B
C/D
Output
Differential
Non-Inverting
Output
Differential
Inverting
Output
L
X
Z
Z
H
L
L
H
H
H
H
L
X = Don’t care
Z = Three-State (high impedance)
Table 1. Functional Table
Figure 2. Test Condition
VCC
R3
S1
500
R2
50
C3
40pF
C2
40pF
C1
40pF
Driver
U1
ENABLE
Input
R1
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com