Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB356 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB356
Description  35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB356 Datasheet(HTML) 1 Page - Micro Commercial Components

  MB356 Datasheet HTML 1Page - Micro Commercial Components MB356 Datasheet HTML 2Page - Micro Commercial Components MB356 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB
3505
THRU
MB
3510
35 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
MB-35
Features
•
Mounting Hole For #10 Screw
•
High Conductivity Metal Case
•
Any Mounting Position
•
Surge Rating Of
400 Amps
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB
3505
MB
3505
50V
35V
50V
MB
351
MB
351
100V
70V
100V
MB
352
MB
352
200V
140V
200V
MB
354
MB
354
400V
280V
400V
MB
356
MB
356
600V
420V
600V
MB
358
MB
358
800V
560V
800V
MB
3510
MB
3510
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
35.0A
TC =
55°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.
1V
IFM = 1
7.5A per
element;
TJ = 25
°C
Maximum DC
Reverse
Current At Rated DC
Blocking Voltage
IR
10µA
TJ = 25
°C
B
C
E
AC
+
-
A
AC
G
H
A
D
J
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.110
1.135
28.
20
28.83
B
.
425
.447
10.8
0
11.35
C
.
421
.4
80
10.7
0
1
2.20
D
.6
73
.
751
17.
10
1
9.10
E
.6
02
.6
81
15.
30
1
7.30
G
.
193
---
4.90
---
∅
H
.6
02
.6
81
15.
30
1
7.30
J
.5
19
.5
98
13.
20
1
5.20
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision: E
2016/04/01
www.mccsemi.com
1 of 3
Maximum Ratings
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
•
UL Recognized File # E165989
Mounting Torgue: 20 in-lbs Maximum
•
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
Compliant. See ordering information)
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Thermal Resistance
RthJC
1.0oC/W
Current Squared
Time
I2
t
664Α2
S 1ms<t<8.3ms
Micro Commercial Components
M C C
R


Similar Part No. - MB356

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB356 RECTRON-MB356 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
logo
Bytes
MB356 BYTES-MB356 Datasheet
100Kb / 1P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB356 DCCOM-MB356 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB356 FORMOSA-MB356 Datasheet
41Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB356 MCC-MB356 Datasheet
86Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB356

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBPC3500S MCC-KBPC3500S Datasheet
90Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505-BC01 MCC-MB3505-BC01 Datasheet
42Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505 MCC-MB3505 Datasheet
86Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP3505 MCC-MP3505 Datasheet
309Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505W MCC-MB3505W Datasheet
78Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
GBPC35005 MCC-GBPC35005 Datasheet
417Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
MP3505 MCC-MP3505_15 Datasheet
334Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP3505W MCC-MP3505W_13 Datasheet
199Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com