Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZB3PD-63 Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZB3PD-63
Description  Power Splitter/Combiner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZB3PD-63 Datasheet(HTML) 2 Page - Mini-Circuits

  ZB3PD-63 Datasheet HTML 1Page - Mini-Circuits ZB3PD-63 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PowerSplitter/Combiner
Outline Dimensions (
)
inch
mm
Coaxial Connections
SUM PORT
S
PORT 1
1
PORT 2
2
PORT 3
3
Features
• wideband, 150 to 6000 MHz
• low insertion loss, 1 dB typ.
• good isolation, 20 dB typ.
• good amplitude unbalance, 0.5 dB typ.
• power handling up to 30W
Applications
• cellular
• PCN
• instrumentation
Outline Drawing
Electrical Specifications at 25°C
4.0
4.6
5.2
5.8
6.4
7.0
7.6
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
ZB3PD-63+
TOTAL LOSS
S-1
S-2
S-3
5
10
15
20
25
30
35
40
45
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
ZB3PD-63+
ISOLATION
1-2 (dB)
1-3 (dB)
2-3 (dB)
1.0
1.4
1.8
2.2
2.6
3.0
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
ZB3PD-63+
VSWR
#S-VSWR
#1-VSWR
Typical Performance Data
A
B
C
D
E
FG
4.50
6.00
.88
.15 4.350
_
.156
114.30 152.40 22.35
3.81 110.49
_
3.96
H
J
K
L
M
wt
2.25
.44
1.50
0.15
5.85
grams
57.15
11.18 38.10
3.81 148.59
760
Electrical Schematic
CASE STYLE: UU1332
REV. D
M153965
ZB3PD-63+
ED-13401
AD/CP/AM
151125
3 Way-0°
50
Ω
30W
150 to 6000 MHz
ZB3PD-63+
Freq.
(MHz)
Total Loss1
(dB)
Amp.
Unbal.
(dB)
Isolation
(dB)
Phase
Unbal.
(deg.)
VSWR
S
VSWR
1
VSWR
2
VSWR
3
S-1
S-2
S-3
1-2
1-3
2-3
1. Total Loss = Insertion Loss + 4.8dB splitter loss.
150.00
5.77
6.26
5.79
0.50
11.14
9.91
11.16
1.34
2.57
1.74
1.37
1.74
210.00
5.50
6.06
5.52
0.57
12.73
11.71
12.75
0.96
2.23
1.52
1.23
1.53
500.00
4.90
5.53
4.92
0.63
36.94
17.90
37.05
0.71
1.23
1.08
1.21
1.08
1000.00
5.01
5.69
5.04
0.67
30.82
23.07
30.96
2.37
1.24
1.19
1.26
1.21
1500.00
5.08
5.71
5.10
0.63
21.28
26.16
21.10
4.33
1.18
1.18
1.38
1.20
2000.00
5.15
5.66
5.18
0.51
20.88
29.36
21.26
5.79
1.06
1.23
1.63
1.24
2500.00
5.26
5.67
5.29
0.41
24.60
31.29
26.78
6.97
1.07
1.13
1.55
1.13
3000.00
5.38
5.57
5.32
0.24
28.81
28.18
30.62
8.10
1.05
1.08
1.38
1.06
3500.00
5.41
5.49
5.56
0.15
32.44
25.70
22.15
9.08
1.11
1.10
1.17
1.12
4000.00
5.63
5.40
5.77
0.37
22.33
26.28
21.96
8.59
1.24
1.21
1.28
1.26
4500.00
5.73
5.48
5.91
0.43
27.47
32.57
25.31
6.68
1.21
1.18
1.57
1.20
5000.00
5.88
5.59
6.10
0.51
30.17
27.61
29.67
6.45
1.20
1.22
1.58
1.25
5500.00
5.97
5.76
6.17
0.41
25.74
30.83
23.91
2.67
1.10
1.48
1.57
1.46
5800.00
5.98
6.27
6.23
0.29
15.58
23.27
15.18
3.03
1.63
1.27
1.36
1.27
6000.00
5.81
6.15
5.97
0.35
16.27
27.88
15.25
6.79
1.45
1.46
1.55
1.48
Connectors
Model
SMA
ZB3PD-63-S+
N-Type
ZB3PD-63-N+
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
DC Through
RF+DC
RF+DC
RF+DC
RF+DC
High Power, DC Pass
Maximum Ratings
Operating Temperature(@<30W) -55°C to 60°C
Operating Temperature(@<10W) -55°C to 100°C
Storage Temperature
-55°C to 100°C
DC Current
750 mA (250mA for each port)
Permanent damage may occur if any of these limits are exceeded.
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
150
6000
MHz
Insertion Loss Above 4.8 dB
150-600
—
1.0
1.6
dB
600-5000
—
0.5
2.1
5000-6000
—
1.5
2.2
Isolation
150-600
8
—
—
dB
600-5000
16
20
—
5000-6000
12
—
—
Phase Unbalance
150-600
—
3
5
Degree
600-5000
—
7
16
5000-6000
—
7
16
Amplitude Unbalance
150-600
—
0.7
1.0
dB
600-5000
—
0.7
1.0
5000-6000
—
0.7
1.0
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
150
6000
MHz
Insertion Loss (above theoretical 4.8 dB)
150-600
—
1.0
1.6
dB
600-5000
—
0.5
2.1
5000-6000
—
1.5
2.2
Isolation
150-600
8
—
—
dB
600-5000
16
20
—
5000-6000
12
—
—
Phase Unbalance
150-600
—
3
5
Degree
600-5000
—
7
16
5000-6000
—
7
16
Amplitude Unbalance
150-600
—
0.7
1.0
dB
600-5000
—
0.5
1.0
5000-6000
—
0.5
1.0
Power Handling3
As Splitter1
150-4000
4000-6000
—
—
—
—
30
20
Watt
As Combiner2
150-6000
—
—
0.9
1. All outputs must terminate 50 ohm (VSWR 1.5:1 or better)
2. As a combiner of non-coherent signals, max. power per port is 0.9 watt power rating divided by number of ports.
3. Alternative heat sinking and heat removal must be provided by the user to limit maximum base-plate temperature to 60°C, in order to
ensure proper performance. For reference, this requires thermal resistance of user's external heat sink to be 10°C/W.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com