Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZB3PD-63SMP Datasheet(PDF) 3 Page - Mini-Circuits

Part # ZB3PD-63SMP
Description  Power Splitter/Combiner
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZB3PD-63SMP Datasheet(HTML) 3 Page - Mini-Circuits

  ZB3PD-63SMP Datasheet HTML 1Page - Mini-Circuits ZB3PD-63SMP Datasheet HTML 2Page - Mini-Circuits ZB3PD-63SMP Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 3 of 3
Typical Performance Data
ZB3PD-63SMP+
Freq.
(MHz)
Total Loss1
(dB)
Amp.
Unbal.
(dB)
Isolation
(dB)
Phase
Unbal.
(deg.)
VSWR
S
VSWR
1
VSWR
2
VSWR
3
S-1
S-2
S-3
1-2
1-3
2-3
1. Total Loss = Insertion Loss + 4.8dB splitter loss.
150
5.83
6.05
5.80
0.25
11.05
10.35
11.01
0.88
2.58
1.79
1.37
1.79
200
5.60
5.87
5.59
0.28
12.23
11.92
12.20
0.74
2.30
1.60
1.25
1.60
400
4.96
5.27
4.94
0.32
20.48
16.43
20.49
0.41
1.31
1.13
1.23
1.13
600
5.04
5.35
5.04
0.31
26.14
19.82
26.10
0.20
1.41
1.10
1.20
1.10
1000
5.02
5.30
5.02
0.28
26.61
22.73
26.53
0.34
1.17
1.23
1.20
1.22
1400
5.33
5.60
5.33
0.26
19.41
25.09
19.41
0.46
1.64
1.22
1.06
1.22
2000
5.48
5.68
5.51
0.20
20.62
29.69
21.01
0.66
1.70
1.39
1.23
1.38
2400
5.30
5.42
5.32
0.12
28.28
32.66
30.28
0.88
1.15
1.23
1.27
1.23
3000
5.44
5.47
5.42
0.05
23.32
29.67
28.70
1.03
1.13
1.14
1.33
1.13
3600
5.55
5.49
5.75
0.26
27.50
24.30
21.83
1.30
1.21
1.13
1.23
1.18
4200
5.71
5.50
5.82
0.32
22.19
27.18
21.68
2.14
1.19
1.24
1.17
1.27
4500
5.78
5.61
5.90
0.29
27.78
34.37
25.73
2.37
1.22
1.30
1.20
1.31
5100
5.73
5.48
5.89
0.41
34.02
26.82
31.61
4.00
1.27
1.31
1.12
1.28
5700
5.84
5.85
6.05
0.21
18.75
35.27
17.66
4.51
1.28
1.14
1.31
1.19
6000
5.79
6.09
5.97
0.30
16.73
22.01
16.11
3.26
1.14
1.14
1.62
1.17
4.5
5.0
5.5
6.0
6.5
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
ZB3PD-63SMP+
TOTAL LOSS
S-1
S-2
S-3
5
15
25
35
45
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
ZB3PD-63SMP+
ISOLATION
1-2 (dB)
1-3 (dB)
2-3 (dB)
1.0
1.4
1.8
2.2
2.6
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
ZB3PD-63SMP+
VSWR
#S-VSWR
#1-VSWR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com