Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4312 Datasheet(PDF) 1 Page - ebm-papst

Part # 4312
Description  DC axial fans
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4312 Datasheet(HTML) 1 Page - ebm-papst

  4312 Datasheet HTML 1Page - ebm-papst 4312 Datasheet HTML 2Page - ebm-papst 4312 Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
50
max.
440 m3/h
Highlights:
– Very rigid compression curve for high air flow at high back pressure.
– Low operating noise level at high back pressure.
– Optional Vario-Pro: Highly adaptable software configuration of the fan enables
a tailor-made solution to the specific requirements of your applications.
General characteristics:
– Material: aluminium housing, fibreglass-reinforced PA impeller; housing with grounding lug
for screw M4 x 8 (Torx).
– Fully integrated electronic commutation.
– Protected against reverse polarity and locking.
– Connection via single strands AWG 22, UL1007, TR 64, bared and tin-plated
– Air intake over struts. Direction of rotation clockwise, seen on rotor.
– Mass: 390 g.
DC axial fans
Series 4100 N High Performance 119 x 119 x 38 mm
0
5 0
100
150
200
250
100
200
50
100
200
250
300
350
300
400
150
2
1
3
m³/h
CFM
50
100
150
200
250
0
100
200
100
300
400
500
600
300
400
4
5
200
m³/h
CFM
Nominal data
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110
4112 NHH
260
152,9
12
9...15
60
6,8
13,3
5 000
-20...+65
70 000 / 55 000
147 500
1
4112 NH3
310
182,4
12
9...15
65
7,2
21,6
6 000
-20...+65
65 000 / 37 500
132 500
2
/2
4112 NH4
355
208,9
12
9...14
67
7,4
32,0
6 800
-20...+65
62 500 / 35 000
125 000
3
/2
4114 NHH
260
152,9
24
16...30
60
6,8
12,4
5 000
-20...+65
70 000 / 52 500
147 500
1
/2
4114 NH3
310
182,4
24
16...30
65
7,2
19,5
6 000
-20...+65
65 000 / 37 500
132 500
2
/2
4114 NH4
355
208,9
24
16...30
67
7,4
30,0
6 800
-20...+65
62 500 / 35 000
125 000
3
/2
4114 NH5
390
229,5
24
16...30
70
7,6
45,0
7 500
-20...+65
62 500 / 35 000
125 000
4
/2
4114 NH6
440
259,0
24
16...30
73
8,1
65,0
8 400
-20...+65
60 000 / 32 500
120 000
5
/2
4118 NHH
260
152,9
48
36...60
60
6,8
12,0
5 000
-20...+65
70 000 / 52 500
147 500
1
/2
4118 NH3
310
182,4
48
36...60
65
7,2
20,0
6 000
-20...+65
65 000 / 37 500
132 500
2
/2
4118 NH4
355
208,9
48
36...60
67
7,4
28,0
6 800
-20...+65
62 500 / 35 000
125 000
3
/2
4118 NH5
390
229,5
48
36...60
70
7,6
45,0
7 500
-20...+65
62 500 / 35 000
125 000
4
/2
4118 NH6
440
259,0
48
36...60
73
8,1
62,0
8 400
-20...+65
60 000 / 32 500
120 000
5
/2
HHPP
A
PWM
II
TT
NG
4114 N/2H7P
500
294,2
24
16...30
76
8,5
90
9 500
-20...+75
57 500 / 25 000
115 000
1
/2
4114 N/2H8P
570
335,5
24
16...30
78
8,9
120
11 000
-20...+75
55 000 / 22 500
110 000
2
/2
4118 N/2H7P
500
294,2
48
36...60*
76
8,5
90
9 500
-20...+75
57 500 / 25 000
115 000
1
/2
4118 N/2H8P
570
335,5
48
36...60*
78
8,9
120
11 000
-20...+75
55 000 / 22 500
110 000
2
/2
Nominal data
Type
m3/h
CFM
VDC
VDC
dB(A) Bel(A)
/
Watts
RPM
°C
Hours
Hours
P. 110
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage 18.01.2011 14:26 Seite 50


Similar Part No. - 4312

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4312 VCC-4312 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
ebm-papst
4312 EBMPAPST-4312 Datasheet
375Kb / 3P
DC axial fans
4312 EBMPAPST-4312 Datasheet
704Kb / 3P
DC axial fans
4312 EBMPAPST-4312 Datasheet
379Kb / 3P
DC axial fans
4312 EBMPAPST-4312 Datasheet
345Kb / 3P
DC axial fans
More results

Similar Description - 4312

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com