Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMP10H4D2S-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP10H4D2S-13
Description  100V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP10H4D2S-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP10H4D2S-13 Datasheet HTML 1Page - Diodes Incorporated DMP10H4D2S-13 Datasheet HTML 2Page - Diodes Incorporated DMP10H4D2S-13 Datasheet HTML 3Page - Diodes Incorporated DMP10H4D2S-13 Datasheet HTML 4Page - Diodes Incorporated DMP10H4D2S-13 Datasheet HTML 5Page - Diodes Incorporated DMP10H4D2S-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP10H4D2S
Document number: DS37891 Rev. 3 - 2
2 of 6
www.diodes.com
May 2017
© Diodes Incorporated
DMP10H4D2S
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-0.27
-0.21
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle
1%)
IDM
-1.0
A
Maximum Body Diode Continuous Current (Note 6)
IS
-0.42
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation
(Note 5)
PD
0.38
W
(Note 6)
0.44
Thermal Resistance, Junction to Ambient
Steady
State
(Note 5)
RθJA
333
°C/W
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
282
Thermal Resistance, Junction to Case
(Note 6)
RθJC
115
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-100
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = -100V, VGS = 0V
Gate-Body Leakage
IGSS
±10
μA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-1.0
-2.3
-3.0
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
2.8
4.2
Ω
VGS = -10V, ID = -0.5A

3.2
5.0
VGS = -4.0V, ID = -0.1A
Diode Forward Voltage
VSD
-0.82
-1.3
V
VGS = 0V, IS = -0.2A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
87
pF
VDS = -25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
5.6
Reverse Transfer Capacitance
Crss
2.9
Gate Resistance
RG

15.3

Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge
Qg
1.8
nC
VDS = -80V, VGS = -10V,
ID = -0.5A
Gate-Source Charge
Qgs
0.3
Gate-Drain Charge
Qgd
0.5
Turn-On Delay Time
tD(ON)
3.3
ns
VDS = -50V, ID = -0.5A,
VGS = -10V, RG = 10Ω
Turn-On Rise Time
tR
2.6
Turn-Off Delay Time
tD(OFF)

8.4

Turn-Off Fall Time
tF

4.9

Reverse Recovery Time
tRR

17.8

ns
VR = -100V, IF = -1.0A,
di/dt = 100A/µs
Reverse Recovery Charge
QRR

24.8

nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper pad layout.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com