Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMP22D4UDA-7B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP22D4UDA-7B
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP22D4UDA-7B Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP22D4UDA-7B Datasheet HTML 1Page - Diodes Incorporated DMP22D4UDA-7B Datasheet HTML 2Page - Diodes Incorporated DMP22D4UDA-7B Datasheet HTML 3Page - Diodes Incorporated DMP22D4UDA-7B Datasheet HTML 4Page - Diodes Incorporated DMP22D4UDA-7B Datasheet HTML 5Page - Diodes Incorporated DMP22D4UDA-7B Datasheet HTML 6Page - Diodes Incorporated DMP22D4UDA-7B Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP22D4UDA
Document number: DS38655 Rev. 2 - 2
2 of 7
www.diodes.com
May 2017
© Diodes Incorporated
DMP22D4UDA
Maximum Ratings P-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 5)
Steady
State
TA = +25°C
TA = +70°C
ID
-328
-262
mA
Pulsed Drain Current (Note 6)
IDM
-1000
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
310
mW
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
407
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6.
Device mounted on minimum recommended pad layout test board, 10μs pulse duty cycle = 1%.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
—
—
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
—
—
-1
μA
VDS = -16V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±10
μA
VGS = ±5V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-0.4
-0.7
-1.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
—
1.2
1.9
Ω
VGS = -4.5V, ID = -100mA
—
1.6
2.4
VGS = -2.5V, ID = -50mA
—
1.9
3.4
VGS = -1.8V, ID = -20mA
—
2.4
5
VGS = -1.5V, ID = -10mA
Diode Forward Voltage
VSD
—
-0.6
-1.1
V
VGS = 0V, IS = -10mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
28.5
—
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
3.9
—
pF
Reverse Transfer Capacitance
Crss
—
2.4
—
pF
Gate Resistance
RG
—
398
—
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge
Qg
—
0.4
—
nC
VGS = -4.5V, VDS = -10V,
ID = -250mA
Gate-Source Charge
Qgs
—
0.07
—
nC
Gate-Drain Charge
Qgd
—
0.07
—
nC
Turn-On Delay Time
tD(ON)
—
5.2
—
ns
VDD = -15V, VGS = -4.5V,
RG = 2Ω, ID = -200mA
Turn-On Rise Time
tR
—
4.3
—
ns
Turn-Off Delay Time
tD(OFF)
—
31
—
ns
Turn-Off Fall Time
tF
—
15.4
—
ns
Notes:
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7