Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PV88090 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # PV88090
Description  High Efficiency 3-Channel Buck Converter with dual LDO
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

PV88090 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button PV88090 Datasheet HTML 17Page - Dialog Semiconductor PV88090 Datasheet HTML 18Page - Dialog Semiconductor PV88090 Datasheet HTML 19Page - Dialog Semiconductor PV88090 Datasheet HTML 20Page - Dialog Semiconductor PV88090 Datasheet HTML 21Page - Dialog Semiconductor PV88090 Datasheet HTML 22Page - Dialog Semiconductor PV88090 Datasheet HTML 23Page - Dialog Semiconductor PV88090 Datasheet HTML 24Page - Dialog Semiconductor PV88090 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
PV88090
High Efficiency 3-Channel Buck Converter with dual LDO
Datasheet
Revision 1.0
10-Dec-2017
CFR0011-120-00
21 of 42
© 2017 Dialog Semiconductor
Via control WRITE_MODE a repeated write mode can be enabled. In this mode, the master can
execute back-to-back write operations to non-consecutive addresses. This is achieved by
transmitting register address and data pairs. The data will be stored in the address specified by
preceding byte. The repeated write mode is illustrated in Figure 9.
S
SLAVEadr W A
REGadr
A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = No Acknowledge
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
REGadr
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 9: I2C Repeated Write
If a new START or STOP condition occurs within a message, the bus will return to IDLE-mode.
6.1.9
Dynamic Voltage Control
All buck converters can be controlled by DVC. The buck converters feature a voltage ramping feature
that enables smooth transition from one voltage setting to another.
All output voltages can be controlled with SW via the I2C interface (VBUCK<x>). The I2C interface is
operational when the device is in active mode.
6.2
LDOs
All LDOs employ Dialog Se
miconductor’s Smart Mirror dynamic biasing technology, see Figure 10,
the illustrator which maintains high performance over a wide range of operating conditions and a
power saving mode (sleep mode) to minimize the quiescent current during very low output current.
The circuit technique offers significantly higher gain bandwidth performance than conventional
designs, enabling higher power supply rejection performance at higher frequencies. PSRR is
maintained across the full operating current range however quiescent current consumption is scaled
to demand providing improved efficiency when current demand is low.
Figure 10: Smart MirrorTM Voltage Regulator
LDO1 provides the analog 1.05 V supply voltage (or 1.2 V depending on the system).To limit power
dissipation the input voltage to LDO1 is the DDR voltage, typically 1.5 V.In standby mode the DDR
voltage availability is not guaranteed. Therefore, the input voltage to the LDO switches to VDLDO2
during standby. The current in standby mode is reduced to 100 mA. During standby mode the output
stage from VDLDO1 must be disabled such that reverse current does not flow from VDLDO2 to
VDLDO1 (requires bulk switch on P-channel).
Vout
Cout
ESR
Vin
Smart Mirror
TM LDO
Vref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com