Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC581282AXB Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC581282AXB
Description  128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC581282AXB Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC581282AXB Datasheet HTML 9Page - Toshiba Semiconductor TC581282AXB Datasheet HTML 10Page - Toshiba Semiconductor TC581282AXB Datasheet HTML 11Page - Toshiba Semiconductor TC581282AXB Datasheet HTML 12Page - Toshiba Semiconductor TC581282AXB Datasheet HTML 13Page - Toshiba Semiconductor TC581282AXB Datasheet HTML 14Page - Toshiba Semiconductor TC581282AXB Datasheet HTML 15Page - Toshiba Semiconductor TC581282AXB Datasheet HTML 16Page - Toshiba Semiconductor TC581282AXB Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
TC581282AXB
2001-12-04
13/31
PIN FUNCTIONS
The device is a serial access memory which utilizes time-sharing input of address information. The device pin-outs
are configured as shown in Figure 1.
Command Latch Enable: CLE
The CLE input signal is used to control loading of
the operation mode command into the internal
command register. The command is latched into the
command register from the I/O port on the rising edge
of the WE signal while CLE is High.
Address Latch Enable: ALE
The ALE signal is used to control loading of either
address information or input data into the internal
address/data register.
Address information is latched on the rising edge of
WE if ALE is High.
Input data is latched if ALE is Low.
Chip Enable:
The device goes into a low-power Standby mode when CE goes High during a wait state. The CE signal is
ignored when device is in Busy state (
BY
/
RY
= L), such as during a Program or Erase or Read operation, and
will not enter Standby mode even if the CE input goes High..
Write Enable:
The WE signal is used to control the acquisition of data from the I/O port.
Read Enable:
The RE signal controls serial data output. Data is available tREA after the falling edge of RE .
The internal column address counter is also incremented (Address = Address + l) on this falling edge.
I/O Port: I/O1 to 8
The I/O1 to 8 pins are used as a port for transferring address, command and input/output data to and from the
device.
Write Protect:
The WP signal is used to protect the device from accidental programming or erasing. The internal voltage
regulator is reset when WP is Low. This signal is usually used for protecting the data during the power-on/off
sequence when input signals are invalid.
Ready/Busy:
The
BY
/
RY
output signal is used to indicate the operating condition of the device. The
BY
/
RY
signal is in
Busy state (
BY
/
RY
= L) during the Program, Erase and Read operations and will return to Ready state
(
BY
/
RY
= H) after completion of the operation. The output buffer for this signal is an open drain.
1
2
3
4
5
6
7
8
A
NC
NC
B
NC
NC
C
NU
CLE
NU
NU
NU
NU
D
NU
ALE
NU
NU
NU
NU
E
WP
WE
NU
NU
NU
GND
F
NU
NU
NU
NU
NU
NU
G
NU
NU
NU
NU
BY
/
RY
NU
H
CE
I/O1
I/O3
NU
NU
NU
J
RE
NU
NU
VCC
I/O8
I/O7
K
VSS
I/O2
I/O4
I/O6
I/O5
NC
L
NC
NC
M
NC
NC
CE
WE
RE
WP
BY
/
RY
Figure1. Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com