Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG59H1007V Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # SLG59H1007V
Description  A 22 V, 13.3 m廓, 5 A Integrated Power Switch with VIN Lockout Select and Load Power Monitor Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59H1007V Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button SLG59H1007V Datasheet HTML 10Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 11Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 12Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 13Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 14Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 15Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 16Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 17Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
000-0059H1007-100
Page 14 of 20
SLG59H1007V
Setting the SLG59H1007V’s Input Overvoltage Lockout Threshold
As shown in the table below, SEL[1,0] selects the VIN overvoltage threshold at which the SLG59H1007V’s internal state machine
will turn OFF (open circuit) the power MOSFET if VIN exceeds the selected threshold.
For example, SEL[1,1] would be the most appropriate setting for applications where the steady-state VIN can extend up to 20V
without causing any damage to the SLG59H1007V since the IC is 29-V tolerant.
With an activated SLG59H1007V (ON=HIGH) and at any time VIN crosses the programmed VIN overvoltage threshold, the state
machine opens the power switch and asserts the FAULT pin within TFAULTLOW.
In applications with a deactivated or inactive SLG59H1007V (VIN > VINUVLO and ON=LOW) and if the applied VIN is higher than
the programmed VIN OVLO threshold, the SLG59H1007V’s state machine will keep the power switch open circuited if the ON
pin is toggled LOW-to-HIGH. In these cases, the FAULT pin will also be asserted within TFAULTLOW and will remain asserted
until VIN resumes nominal, steady-state operation.
In all cases, the SLG59H1007V’s VIN undervoltage lockout threshold is fixed at VIN(UVLO).
Power Dissipation
The junction temperature of the SLG59H1007V depends on different factors such as board layout, ambient temperature, and
other environmental factors. The primary contributor to the increase in the junction temperature of the SLG59H1007V is the power
dissipation of its power MOSFET. Its power dissipation and the junction temperature in nominal operating mode can be calculated
using the following equations:
where:
PD = Power dissipation, in Watts (W)
RDSON = Power MOSFET ON resistance, in Ohms (Ω)
IOUT = Output current, in Amps (A)
and
where:
TJ = Junction temperature, in Celsius degrees (°C)
θJA = Package thermal resistance, in Celsius degrees per Watt (°C/W)
TA = Ambient temperature, in Celsius degrees (°C)
In current-limit mode, the SLG59H1007V’s power dissipation can be calculated by taking into account the voltage drop across
the power switch (VIN-VOUT) and the magnitude of the output current in current-limit mode (IACL):
SEL1
SEL0
VIN OVLO (Typ)
00
5.85 V
01
10.5 V
10
14.0 V
11
23.4 V
PD = RDSON x IOUT2
TJ = PD x θJA + TA
PD = (VIN-VOUT) x IACL or
PD = (VIN – (RLOAD x IACL)) x IACL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com