Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVTL01LGAB Datasheet(PDF) 1 Page - TT Electronics.

Part # OVTL01LGAB
Description  Lednium Series Optimal I
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL01LGAB Datasheet(HTML) 1 Page - TT Electronics.

  OVTL01LGAB Datasheet HTML 1Page - TT Electronics. OVTL01LGAB Datasheet HTML 2Page - TT Electronics. OVTL01LGAB Datasheet HTML 3Page - TT Electronics. OVTL01LGAB Datasheet HTML 4Page - TT Electronics. OVTL01LGAB Datasheet HTML 5Page - TT Electronics. OVTL01LGAB Datasheet HTML 6Page - TT Electronics. OVTL01LGAB Datasheet HTML 7Page - TT Electronics. OVTL01LGAB Datasheet HTML 8Page - TT Electronics. OVTL01LGAB Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue B.8 3/09
Page 1 of 10
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Lednium Series Optimal I
Flush Mount and Surface Mount Packages
OVTL01LGAx Series
•
Robust energy-efficient design with long operating life
•
Low thermal resistance (2° C/W)
•
Exceptional spatial uniformity
•
Available in amber, blue, cyan, green, red, cool white, day-
light white, and warm white
The OVTL01LGAx Series offers an energy-efficient packaged LED source providing high luminance, low thermal
resistance, a water-clear lens, and a long operating lifespan. Devices have a 135° typical viewing angle with
optional optics available and two mounting options:
1. Flush Mount—The shallow-gullwing package is designed to be countersunk into a hole or cavity in the PC
board for a low profile of only 1.12mm.
2. Surface Mount—The deep-gullwing package is easily mounted on the solid surface of the PC board (Part
numbers end in “S”)
Applications
•
Automotive exterior and interior lighting
•
Architectural lighting
•
Electronic signs and signals
Product Photo Here
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture
Part Number
Viewing Angle
Emitted Color
Typical Luminous
Flux (lm)
Package
OVTL01LGAA
135°
Amber
35
Flush Mount
OVTL01LGAB
Blue
12
Flush Mount
OVTL01LGAG
Green
60
Flush Mount
OVTL01LGAR
Red
45
Flush Mount
OVTL01LGAW
Cool White
65
Flush Mount
OVTL01LGAWD
Daylight White
60
Flush Mount
OVTL01LGAWW
Warm White
50
Flush Mount
OVTL01LGAAS
Amber
35
Surface Mount
OVTL01LGABS
Blue
12
Surface Mount
OVTL01LGAGS
Green
60
Surface Mount
OVTL01LGARS
Red
45
Surface Mount
OVTL01LGAWS
Cool White
65
Surface Mount
OVTL01LGAWDS
Daylight White
60
Surface Mount
OVTL01LGAWWS
Warm White
50
Surface Mount
OVTL01LGAC
Cyan
40
Flush Mount
OVTL01LGACS
Cyan
40
Surface Mount
3


Similar Part No. - OVTL01LGAB

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVTL01LGAB OPTEK-OVTL01LGAB Datasheet
1Mb / 10P
1-Watt Cup Series Flush Mount and Surface Mount Packages
OVTL01LGABS OPTEK-OVTL01LGABS Datasheet
1Mb / 10P
1-Watt Cup Series Flush Mount and Surface Mount Packages
More results

Similar Description - OVTL01LGAB

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
10-Watt Lednium SMD Series
1/16
logo
Advanced Power Electron...
AP9922AGEO-HF A-POWER-AP9922AGEO-HF_14 Datasheet
57Kb / 4P
Optimal DC/DC Battery Application
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
Optimal cooling performance.
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
Optimal cooling performance
logo
TT Electronics.
OVTL09LG3X TTELEC-OVTL09LG3X Datasheet
1Mb / 14P
Lednium Series Optimal X
OVTLZ1LGAB TTELEC-OVTLZ1LGAB Datasheet
215Kb / 1P
Optimal I Star Series 1-watt LED on MCPCB
OV14ZXX-Y TTELEC-OV14ZXX-Y Datasheet
816Kb / 6P
Optimal XIV Star Series White, Multi-LED
logo
P-tec Corporation
PLBT5E-WCY06-DP1 P-TEC-PLBT5E-WCY06-DP1 Datasheet
383Kb / 5P
Optimal Optical/Mechanical Design
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com