Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVTL09LG3C Datasheet(PDF) 1 Page - TT Electronics.

Part # OVTL09LG3C
Description  Lednium Series Optimal X
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL09LG3C Datasheet(HTML) 1 Page - TT Electronics.

  OVTL09LG3C Datasheet HTML 1Page - TT Electronics. OVTL09LG3C Datasheet HTML 2Page - TT Electronics. OVTL09LG3C Datasheet HTML 3Page - TT Electronics. OVTL09LG3C Datasheet HTML 4Page - TT Electronics. OVTL09LG3C Datasheet HTML 5Page - TT Electronics. OVTL09LG3C Datasheet HTML 6Page - TT Electronics. OVTL09LG3C Datasheet HTML 7Page - TT Electronics. OVTL09LG3C Datasheet HTML 8Page - TT Electronics. OVTL09LG3C Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Issue B.2 07/08
Page 1 of 14
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Lednium Series Optimal X
(10-watts,120° Viewing Angle)
OVTL09LG3x Series
•
Revolutionary 3-dimensional packaged LED source
•
Robust energy-efficient design with long operating life
•
Low thermal resistance (2.5°C/W)
•
Exceptional spatial uniformity
•
Available in amber, blue, cyan, green, red, cool white,
daylight white, warm white and multi-colored
The OVTL09LG3x Series surface mount provides a 10-Watt energy-efficient 3-dimensional packaged LED
source that offers high luminance, low thermal resistance @ 2.5°C/W and a long operating lifespan. A 120°
viewing angle and three color options of white (cool, daylight, warm) make the Optimal X highly suitable for
general illumination and specialized lighting applications.
Applications
•
Automotive exterior and interior lighting
•
Architectural lighting
•
Electronic signs and signals
•
Task lighting
•
General illumination
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture
Flux Characteristics (IF = 1.05 A, TJ = 25° C)
Part Number
Viewing An-
gle
Emitted Color
Typical Luminous
Flux (lm)
Lens Color
OVTL09LG3A
120°
Amber
305
Water Clear
OVTL09LG3B
Blue
105
OVTL09LG3G
Green
522
OVTL09LG3R
Red
400
OVTL09LG3W
Cool White
565
OVTL09LG3WD
Daylight White
522
OVTL09LG3WW
Warm White
435
OVTL09LG3M
Red/Green/Blue
300
OVTL09LG3C
Cyan
348


Similar Part No. - OVTL09LG3C

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3B OPTEK-OVTL09LG3B Datasheet
560Kb / 11P
10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3G OPTEK-OVTL09LG3G Datasheet
560Kb / 11P
10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3M OPTEK-OVTL09LG3M Datasheet
560Kb / 11P
10-Watt Lednium SMD (120째 Viewing Angle)
OVTL09LG3R OPTEK-OVTL09LG3R Datasheet
560Kb / 11P
10-Watt Lednium SMD (120째 Viewing Angle)
More results

Similar Description - OVTL09LG3C

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVTL09LGAX OPTEK-OVTL09LGAX Datasheet
450Kb / 5P
10-Watt Lednium SMD Series
1/16
logo
Advanced Power Electron...
AP9922AGEO-HF A-POWER-AP9922AGEO-HF_14 Datasheet
57Kb / 4P
Optimal DC/DC Battery Application
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
Optimal cooling performance.
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
Optimal cooling performance
logo
Taoglas antenna solutio...
TG.09.0113W TAOGLAS-TG.09.0113W Datasheet
8Mb / 37P
Rotatable hinge design for optimal reception
logo
TT Electronics.
OVTL01LGAX TTELEC-OVTL01LGAX Datasheet
751Kb / 10P
Lednium Series Optimal I
OV14ZXX-Y TTELEC-OV14ZXX-Y Datasheet
816Kb / 6P
Optimal XIV Star Series White, Multi-LED
logo
P-tec Corporation
PLBT5E-WCY06-DP1 P-TEC-PLBT5E-WCY06-DP1 Datasheet
383Kb / 5P
Optimal Optical/Mechanical Design
logo
OSRAM GmbH
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com