Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLN233 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # TLN233
Description  TOSHIBA Infrared LED GaALAs Infrared Emitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

TLN233 Datasheet(HTML) 3 Page - Torex Semiconductor

  TLN233 Datasheet HTML 1Page - Torex Semiconductor TLN233 Datasheet HTML 2Page - Torex Semiconductor TLN233 Datasheet HTML 3Page - Torex Semiconductor TLN233 Datasheet HTML 4Page - Torex Semiconductor TLN233 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TLN233
2002-01-17
3
Ambient temperature Ta (°C)
IF – Ta
Forward voltage VF (V)
IF – VF
(typ.)
Ambient temperature Ta (°C)
VF – Ta
(typ.)
Pulse forward voltage VFP (V)
IFP – VFP
(typ.)
Pulse width Pw (ms)
IFP – Pw
Pulse forward current IFP (mA)
Relative IE – IFP
0
0
20
40
60
80
100
20
40
60
80
100
120
0.01
0.8
1
1.2
1.4
1.6
1.8
2
0.1
1
10
100
-25°C
0°C
Ta
= 25°C
50°C
75°C
85°C
1
-50
-25
0
25
50
75
100
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
IF = 10 mA
30 mA
50 mA
70 mA
100 mA
1
0
1
2
3
4
5
3
10
100
30
1000
300
Pulse width <= 100 ms
Repetitive frequency
= 100 Hz
Ta
= 25°C
10
1
10
100
1000
10000
100
1000
10000
30
300
3000
Ta
= 25°C
f
= 100 Hz
200 Hz
500 Hz
1 kHz
2 kHz
5 kHz
10 kHz
0
0
200
400
600
800
1000
1200
0.2
0.4
0.6
0.8
1.0
1.2
Pulse width
= 1 ms
Duty
= 10%
Ta
= 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com