Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPB950Z Datasheet(PDF) 3 Page - TT Electronics.

Part # OPB950Z
Description  Dual Channel Encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB950Z Datasheet(HTML) 3 Page - TT Electronics.

  OPB950Z Datasheet HTML 1Page - TT Electronics. OPB950Z Datasheet HTML 2Page - TT Electronics. OPB950Z Datasheet HTML 3Page - TT Electronics. OPB950Z Datasheet HTML 4Page - TT Electronics. OPB950Z Datasheet HTML 5Page - TT Electronics. OPB950Z Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© TT electronics plc
Issue A
11/2016
Page 3
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Photologic® Dual Channel
Encoder
OPB950Z, OPB951
Performance
Supply Current vs Ambient Temperature
17
19
21
23
25
27
29
31
33
-50
-25
0
25
50
75
100
TA - Ambient Temperature (°C)
VCC = 5 V
No Load on Output
λ = 890 nm
ICCL
ICCH
0
Low Level Output vs Ambient Temperature
0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
TA - Ambient Temperature (°C)
VCC = 4.5 V
IOL = 12.8 mA
λ = 890 nm
EE = 0.5 mW/cm
2
VOL
High Level Output vs Ambient Temperature
0
5
10
15
20
25
-50
-25
0
25
50
75
100
TA - Ambient Temperature (°C)
VCC = 4.5 V
VOH = 18 V
EE = 0
mW/cm2
IOH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com