Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLP3062F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3062F
Description  TOSHIBA Photocoupler GaAs Ired & Photo-Triac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3062F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3062F Datasheet HTML 1Page - Toshiba Semiconductor TLP3062F Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP3061F(S),TLP3062F(S),TLP3063F(S)
2002-09-25
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Triac
TLP3061F(S),TLP3062F(S),TLP3063F(S)
Office Machine
Household Use Equipment
Triac Driver
Solid State Relay
The TOSHIBA TLP3061F(S),TLP3062F(S)and TLP3063F(S) consist of a
phote−triac optically coupled to a gallium arsenide infrared emitting
diode in a six lead plastic DIP.
All parameters are tested to the specification of TLP3061(S),TLP3062(S)
and TLP3063(S).
(both condition and limits)
· Peak off−state voltage: 600V(min)
· Trigger LED current: 15mA(max)(TLP3061F(S))
10mA(max)(TLP3062F(S))
5mA(max)(TLP3063F(S))
· On−state current: 100mA(max)
· UL recognized: UL1577,file no.E67349
· Isolation voltage: 5000Vrms(min)
· SEMKO approved: SS EN60065
SS EN60950
SS EN60335
· BSI approved: BS EN60065
BS EN60950
· Option (D4)type
VDE approved: DIN VDE0884/06.92
Certificate no.68329
Maximum operating insulation voltage: 890VPK
Highest permissible over voltage: 8000VPK
(Note): When a VDE0884 approved type is needed,please
designate the “ Option (D4) ”
Pin Configuration (top view)
4
1 : Anode
2 : Cathode
3 : N.C.
4 : Terminal 1
6 : Terminal 2
6
1
2
3
Unit in mm
TOSHIBA
11−7A902
Weight: 0.39 g


Similar Part No. - TLP3062F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3062F TOSHIBA-TLP3062F Datasheet
97Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3062FS TOSHIBA-TLP3062FS Datasheet
97Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results

Similar Description - TLP3062F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3030 TOSHIBA-TLP3030 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
13-Jun-2001
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
25-Sep-2002
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP161G TOSHIBA-TLP161G Datasheet
178Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
TOSHIBA Photocoupler GaAs IRED&Photo-triac
17-Jan-2002
TLP3502 TOSHIBA-TLP3502 Datasheet
156Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP665J TOSHIBA-TLP665J Datasheet
259Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
24-May-2002
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com