Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC32RF44IRMPR Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF44IRMPR
Description  Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF44IRMPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button ADC32RF44IRMPR Datasheet HTML 48Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 49Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 50Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 51Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 52Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 53Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 54Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 55Page - Texas Instruments ADC32RF44IRMPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 134 page
background image
52
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
(1)
In full rate output, the two LSBs are truncated to a 12-bit output.
9.4.2.2 JESD204B Frame Assembly
The JESD204B standard defines the following parameters:
•
F is the number of octets per frame clock period
•
L is the number of lanes per link
•
M is the number of converters for the device
•
S is the number of samples per frame
9.4.2.3 JESD204B Frame Assembly in Bypass Mode
Table 14 lists the available JESD204B formats and valid ranges for the ADC32RF44. The ranges are limited by
the SerDes line rate and the maximum ADC sample frequency. The sample alignment for the bypass modes on
the different lanes is shown in Table 15.
Table 14. JESD Mode Options: Bypass Mode
DECIMATION
SETTING
(Complex)
OUTPUT
RESOLUTION
(Bits)
L
M
F
S
12-BIT
MODE
PLL
MODE
JESD
MODE
0
JESD
MODE
1
JESD
MODE
2
MAX fCLK
(Gsps)
RATIO
[fSerDes / fCLK
(Gbps / GSPS)]
Bypass
12(1)
8
2
8
20
3
16X
3
0
0
2.6
4
14
8
2
2
4
0
20X
1
0
0
2.5
5
(1)
Blue shading indicates channel A and yellow shading indicates channel B.
Table 15. JESD Sample Lane Alignments: Bypass Mode(1)
OUTPUT
LANE
LMFS = 8224
LMFS = 82820
DA0
A0[13:6]
A0[5:0], 00
A0[11:4]
A0[3:0],
A1[11:8]
A1[7:0]
A2[11:4]
A2[3:0],
A3[11:8]
A3[7:0]
A4[11:4]
A4[3:0],
0000
DA1
A1[13:6]
A1[5:0], 00
A5[11:4]
A5[3:0],
A6[11:8]
A6[7:0]
A7[11:4]
A7[3:0],
A8[11:8]
A8[7:0]
A9[11:4]
A9[3:0],
0000
DA2
A2[13:6]
A2[5:0], 00
A10[11:4]
A10[3:0],
A11[11:8]
A11[7:0]
A12[11:4]
A12[3:0],
A13[11:8]
A13[7:0]
A14[11:4]
A14[3:0],
0000
DA3
A3[13:6]
A3[5:0], 00
A15[11:4]
A15[3:0],
A16[11:8]
A16[7:0]
A17[11:4]
A17[3:0],
A18[11:8]
A18[7:0]
A19[11:4]
A19[3:0],
0000
DB0
B0[13:6]
B0[5:0], 00
B0[11:4]
B0[3:0],
B1[11:8]
B1[7:0]
B2[11:4]
B2[3:0],
B3[11:8]
B3[7:0]
B4[11:4]
B4[3:0],
0000
DB1
B1[13:6]
B1[5:0], 00
B5[11:4]
B5[3:0],
B6[11:8]
B6[7:0]
B7[11:4]
B7[3:0],
B8[11:8]
B8[7:0]
B9[11:4]
B9[3:0],
0000
DB2
B2[13:6]
B2[5:0], 00
B10[11:4]
B10[3:0],
B11[11:8]
B11[7:0]
B12[11:4]
B12[3:0],
B13[11:8]
B13[7:0]
B14[11:4]
B14[3:0],
0000
DB3
B3[13:6]
B3[5:0], 00
B15[11:4]
B15[3:0],
B16[11:8]
B16[7:0]
B17[11:4]
B17[3:0],
B18[11:8]
B18[7:0]
B19[11:4]
B19[3:0],
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com