Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXT Datasheet(PDF) 2 Page - Radiometrix Ltd

Part # CXT
Description  Multi channel 25kHz NBFM remote control TX/RX
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CXT Datasheet(HTML) 2 Page - Radiometrix Ltd

  CXT Datasheet HTML 1Page - Radiometrix Ltd CXT Datasheet HTML 2Page - Radiometrix Ltd CXT Datasheet HTML 3Page - Radiometrix Ltd CXT Datasheet HTML 4Page - Radiometrix Ltd CXT Datasheet HTML 5Page - Radiometrix Ltd CXT Datasheet HTML 6Page - Radiometrix Ltd CXT Datasheet HTML 7Page - Radiometrix Ltd CXT Datasheet HTML 8Page - Radiometrix Ltd CXT Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Radiometrix Ltd
CXT/CXR – Multi channel Remote Controller Data Sheet
page 2
Easy control functions with CXT and CXR:
There are certain user applications where a very simple ‘on/off’ control function is needed (for example:
control of floodlights, alarm sounders, machine override shutdown). Normally such applications require a
simple microprocessor or dedicated remote control chip to be added to the radio module, incurring extra size,
cost and sometimes software overhead.
Not anymore. The CXT and CXR module pair (based on either LMT2/LMR2 (UHF version) or LMT1/LMR1
(VHF version)) includes a simple-to-use single function controller/actuator, implemented in the firmware of
the radio’s internal processor. This code allows the unit to be used as a very simple remote control product,
with either a latched or a momentary output. No external control device is required.
Two inputs are provided on the CXT transmitter. Grounding input A sends a coded datastream to the CXR
receiver which commands it to latch it’s A output high (+3v). Grounding the transmitter B input sends a
datastream which resets the receiver A pin to zero. Also, for the duration of the B transmission, the receiver
B output is high. The minimum duration of a B output pulse is 300mS.
The CXT transmits whenever either A or B are low, but to function the TXE must also be low (this can be tied
low for simplicity, or diode 'or'ed with the A, B inputs to minimise current consumption)
The data format uses is a modified biphase format with an average data rate of 600 bits per second. A 42 bit
data burst is used (preceded by ample preamble). This incorporates a 16 bit unit address. This is easily
modified via the 2400 baud serial communication port (SI pin), which allows both the unit address and the
channel number (1 of 32 operating frequencies) to be easily modified. Commands are in an easy to
understand ‘ascii text and decimal numbers’ form, simply entered by hand from any terminal program. Once
programmed, values are stored in non-volatile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com