Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR1540CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR1540CT
Description  15 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR1540CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR1540CT Datasheet HTML 1Page - Micro Commercial Components MBR1540CT Datasheet HTML 2Page - Micro Commercial Components MBR1540CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR1520CT
THRU
MBR15100CT
15 Amp
Schottky
Barrier Rectifier
20 to 100 Volts
Features
•
Meatl of Silicon Rectifier, Majority Conduction
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +175°C
PIN 1
PIN 3
PIN 2
CASE
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
15 A
TC = 125
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1520CT-45CT
1560CT
VF
.84V
.90V
IFM = 15A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
1580CT-100CT
.95V
IFM = 16A
1.0mA
IR
0.1mA
TJ = 25
°C
15mA
TJ = 125
°C
50mA
1520CT-45CT
1520CT-45CT
1560CT
100mA
1580CT-100CT
1560CT-100CT
TJ = 25
°C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
TO-220AB
Maximum Ratings
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Mounting Torgue: 5 in-lbs Maximum
•
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR1520CT
20V
14V
20V
MBR1530CT
30V
21V
30V
MBR1535CT
35V
24.5V
35V
MBR1540CT
40V
28V
40V
MBR1545CT
45V
31.5V
45V
MBR15100CT
100V
70V
100V
MBR1580CT
80V
56V
80V
MBR1560CT
60V
42V
60V
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
RoHS Compliant. See ordering information)
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
•
Guard ring for transient protection
•
Low Forward Voltage Drop
•
High Current Capability, High Efficiency
•
Marking : type number
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - MBR1540CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1540CT DIODES-MBR1540CT Datasheet
88Kb / 2P
15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. F-2
logo
Micro Commercial Compon...
MBR1540CT MCC-MBR1540CT Datasheet
105Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
MBR1540CT TSC-MBR1540CT Datasheet
384Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR1540CT VISHAY-MBR1540CT Datasheet
64Kb / 5P
15A Schottky Barrier Rectifier
24-Jun-98
logo
Diodes Incorporated
MBR1540CT DIODES-MBR1540CT Datasheet
67Kb / 3P
15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. 9 - 2
More results

Similar Description - MBR1540CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1520 MCC-MBR1520 Datasheet
98Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520CT MCC-MBR1520CT Datasheet
105Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT Datasheet
100Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520 MCC-MBR1520_08 Datasheet
101Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520CT MCC-MBR1520CT_08 Datasheet
115Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT_11 Datasheet
479Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
SB1520 MCC-SB1520 Datasheet
485Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR15100CT KERSEMI-MBR15100CT Datasheet
477Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR1520 MCC-MBR1520_13 Datasheet
186Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT_17 Datasheet
253Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com