Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST12LF03 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST12LF03
Description  2.4 GHz High-Gain, High-Efficiency Front-end Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12LF03 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST12LF03 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST12LF03 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST12LF03 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST12LF03 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST12LF03 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST12LF03 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST12LF03 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST12LF03 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST12LF03 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
©2011 Silicon Storage Technology, Inc.
DS75010B
09/11
13
2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LF03
Data Sheet
A Microchip Technology Company
Typical WLAN Receiver Performance Characteristics
Test Conditions: VDD = 3.3V, SRX=LEN=High, STX = SBT=SBTR=Low,
TA = 25°C, unless otherwise specified
Figure 8: WLAN Receiver Gain
S11 versus Frequency
-30
-25
-20
-15
-10
-5
0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
75010 S-Parms.2.0
S12 versus Frequency
-80
-70
-60
-50
-40
-30
-20
-10
0
S21 versus Frequency
-40
-30
-20
-10
0
10
20
30
40
S22 versus Frequency
-30
-25
-20
-15
-10
-5
0
8.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com