Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP0505BAHTG Datasheet(PDF) 3 Page - Littelfuse

Part # SP0505BAHTG
Description  30pF 30kV Unidirectional TVS Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0505BAHTG Datasheet(HTML) 3 Page - Littelfuse

  SP0505BAHTG Datasheet HTML 1Page - Littelfuse SP0505BAHTG Datasheet HTML 2Page - Littelfuse SP0505BAHTG Datasheet HTML 3Page - Littelfuse SP0505BAHTG Datasheet HTML 4Page - Littelfuse SP0505BAHTG Datasheet HTML 5Page - Littelfuse SP0505BAHTG Datasheet HTML 6Page - Littelfuse SP0505BAHTG Datasheet HTML 7Page - Littelfuse SP0505BAHTG Datasheet HTML 8Page - Littelfuse SP0505BAHTG Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP05 Series
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Package Dimensions — SOT143
503B
E
E1
c
e
e1
1
2
4
3
b2
b
A1
A
D
L
L1
3.40 (.134")
3.60 (.140")
0.80 (.032")
1.00 (.040")
2.20
(.087")
REF
1.90
(.075")
1.70
(.067")
1.00 (.040")
1.20 (.048")
0.80 (.032")
1.00 (.040")
BSC
MAX
1.40 (.055")
SP0503BAHTG - SOT143-4
Package
SOT143-4
Pins
4
JEDEC
TO-253
Millimeters
Inches
Min
Max
Min
Max
A
0.8
1.22
0.03
0.048
A1
0.05
0.15
0.002
0.006
b
0.30
0.50
0.012
0.020
b2
0.76
0.89
0.030
0.035
c
0.08
0.20
0.003
0.008
D
2.80
3.04
0.110
0.120
E
2.10
2.64
0.082
0.104
E1
1.20
1.40
0.047
0.055
e
1.92 BSC
0.076 BSC
e1
0.20 BSC
0.008 BSC
L
0.4
0.6
0.016
0.024
L1
0.550 REF
0.022 REF
503B
E
E1
c
e
e1
1
2
4
3
b2
b
A1
A
D
L
L1
3.40 (.134")
3.60 (.140")
0.80 (.032")
1.00 (.040")
2.20
(.087")
REF
1.90
(.075")
1.70
(.067")
1.00 (.040")
1.20 (.048")
0.80 (.032")
1.00 (.040")
BSC
MAX
1.40 (.055")
Recommended Pad Layout



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com