Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC7126 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC7126
Description  1.0625 Gbits/sec Fibre Channel Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7126 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC7126 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7126 Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
3/4/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC7126
1.0625 Gbits/sec Fibre
Channel Transceiver
G52148-0, Rev. 4.3
65,63,59,57,
55,52,50,48,
45,43,64,62,
58,56,54,51,
49,47,44,42
R0:19
Receive Data Bus, Bits 0 thru 19
OUTPUTS - TTL
20-bit received character. Parallel data on this bus is clocked out on the rising edge of
RBC(0). R0 is the first bit received on RX+/RX-.
34
EWRAP
Enable Internal WRAP Mode.
INPUT - TTL
LOW for Normal Operation. When HIGH, an internal loopback path from the
transmitter to the receiver is enabled, TX+ = HIGH and TX- is LOW.
70
69
RX+
RX-
Receive Serial Inputs
INPUTS - Differential PECL
The receiver inputs when EWRAP is LOW. Internally biased to VDD/2, with 3.3K
Ω
resistors to VDD and GND.
(AC Coupling recommended)
39
38
RBC(0)
RBC(1)
Recovered Byte Clock and Complement
OUTPUT - TTL
Recovered clock and complement derived from one twentieth of the RX+/- data stream.
The rising edge of RBC(0) corresponds to a new word on R0:19.
27
EN_CDET
ENable Comma DETect.
INPUT - TTL
Enables comma detection and word resynchronization when HIGH. When LOW, keeps
current word alignment and disables comma detection.
37
COMDET
COMma DETect
OUTPUT - TTL
This output goes HIGH to indicate that R0:6 contains a Comma Character (‘0011111’).
COMDET will go HIGH only during a cycle when RBC(0) is falling. COMDET is
enabled by EN_CDET being HIGH.
35
TXEN#
Transmitter ENable
INPUT - TTL
When LOW, the TX outputs transmit serial data. When HIGH, the TX+ is HIGH and the
TX- is LOW.
66
LUNUSE
Link UNUSE
OUTPUT - TTL
Normally is LOW. If R0:19 is all LOW or all HIGH and EWRAP is LOW, this output
will be asserted HIGH to indicate an open link on RX+/-.
26
28
29
TEST1
TEST2
TEST3
TEST Mode Pins
INPUT - TTL
Factory test pins. Tie to VDD for normal operation.
1,21,30,68,72
VSS
Digital Ground
40,41,60,61
VSST
Digital Ground for TTL Outputs
74
VSSA
Analog Ground
7,13,25,32,33,
67,71,75
VDD
Digital Power (3.3V)
36,46,53
VDDT
Digital Power for TTL outputs (3.3V)
76,80
VDDP
Digital Power for PECL outputs (3.3V)
73
VDDA
Analog Power (3.3V)
78
N/C
Not Internally Connected.
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com