Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X40420 Datasheet(PDF) 21 Page - Xicor Inc.

Part # X40420
Description  Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40420 Datasheet(HTML) 21 Page - Xicor Inc.

Back Button X40420 Datasheet HTML 17Page - Xicor Inc. X40420 Datasheet HTML 18Page - Xicor Inc. X40420 Datasheet HTML 19Page - Xicor Inc. X40420 Datasheet HTML 20Page - Xicor Inc. X40420 Datasheet HTML 21Page - Xicor Inc. X40420 Datasheet HTML 22Page - Xicor Inc. X40420 Datasheet HTML 23Page - Xicor Inc. X40420 Datasheet HTML 24Page - Xicor Inc. X40420 Datasheet HTML 25Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
X40420/X40421 – Preliminary
Characteristics subject to change without notice.
21 of 25
REV 1.2.14 7/12/02
www.xicor.com
Watchdog Time Out For 2-Wire Interface
VTRIPX Set/Reset Conditions
< tWDO
tRST
WDO
SDA
Start
tWDO
tRST
SCL
Start
tRSP
WDT
Restart
Start
SDA
SCL
Minimum Sequence to Reset WDT
Clockin (0 or 1)
SCL
SDA
VCC/V2MON
(VTRIPX)
WDO
tTSU
tTHD
tVPH
tVPS
VP
tWC
tVPO
A0h
0
7
70
7
sets VTRIP1
sets VTRIP2
01h*
09h*
03h*
0Bh* resets VTRIP2
resets VTRIP1
0
Start
* all others reserved
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com