Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE738DFM+H Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE738DFM+H
Description  2A, 24V Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE738DFM+H Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE738DFM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE738DFM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE738DFM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE738DFM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE738DFM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE738DFM+H Datasheet HTML 9Page - ACE Technology Co., LTD. ACE738DFM+H Datasheet HTML 10Page - ACE Technology Co., LTD. ACE738DFM+H Datasheet HTML 11Page - ACE Technology Co., LTD. ACE738DFM+H Datasheet HTML 12Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ACE738D
2A, 24V Synchronous Step-Down Converter
VER 1.1
10
Reference Design
Reference 1:
VIN: 4.5V ~ 24V
VOUT: 3.3V
IOUT: 0~2A
Reference 2:
V
IN: 8V ~ 24V
V
OUT: 5V
I
OUT: 0~2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com