Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE2422A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE2422A
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2422A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE2422A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE2422A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE2422A
N-Channel Enhancement Mode MOSFET
VER 1.2
3
Electrical Characteristics
(TA=25℃, unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V,ID=250uA
60
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
0.5
1.5
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=48V,VGS=0.0V
1
uA
VDS=48V,VGS=0.0V TJ=55℃
10
On-State Drain Current
ID(on)
VDS≧4.5V,VGS=4.5V
10
A
Drain-Source On-Resistance
RDS(on)
VGS = 10V,ID=3.0A
0.106
0.125
Ω
VGS =4.5V,ID=2.5A
0.118
0.145
Forward Transconductance
gfs
VDS=15V,ID=4.0A
12
S
Diode Forward Voltage
VSD
IS=2.5A,VGS=0V
0.8
1.2
V
Dynamic
Total Gate Charge
Qg
VDS=30V, VGS=4.5V ID
≡4.0A
4.0
6
nC
Gate-Source Charge
Qgs
1.2
Gate-Drain Charge
Qgd
1.0
Input Capacitance
Ciss
VDS=30V, VGS=0V
f=1MHz
320
pF
Output Capacitance
Coss
42
Reverse Transfer Capacitance
Crss
20
Turn-On Time
td(on)
VDD=30V ,RL
=12Ω
ID
≡2.5A,V
GEN=10V RG
=6Ω
6
10
nS
tr
12
20
Turn-Off Time
td(off)
18
30
tf
10
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com