Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APF3236SEEZGQBDC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APF3236SEEZGQBDC
Description  3.2 mm x 3.6 mm Full-Color Surface Mount LED Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APF3236SEEZGQBDC Datasheet(HTML) 1 Page - Kingbright Corporation

  APF3236SEEZGQBDC Datasheet HTML 1Page - Kingbright Corporation APF3236SEEZGQBDC Datasheet HTML 2Page - Kingbright Corporation APF3236SEEZGQBDC Datasheet HTML 3Page - Kingbright Corporation APF3236SEEZGQBDC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAM6692 / 1203013273 Rev No: V.5B Date: 07/13/2017
Page 1 / 4
PACKAGE DIMENSIONS
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
APF3236SEEZGQBDC
3.2 mm x 3.6 mm Full-Color Surface Mount LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
DESCRIPTIONS
The Hyper Red source color devices are made with
AlGaInP on GaAs substrate Light Emitting Diode
The Green source color devices are made with InGaN
on Sapphire Light Emitting Diode
The Blue source color devices are made with InGaN on
Sapphire Light Emitting Diode
Electrostatic discharge and power surge could
Damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
3.2 mm x 3.6 mm SMD LED, 1.1 mm thickness
Low power consumption
One red, one green and one blue chips in one package
Package: 1000 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd) @ 20mA [2]
Viewing Angle [1]
Min.
Typ.
2θ1/2
APF3236SEEZGQBDC
■ Hyper Red
(AlGaInP)
Water Clear
80
140
■ Green (InGaN)
200
330
■ Blue (InGaN)
40
70
150
°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APF3236SEEZGQBDC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APF3236SEEZGQBDC TO-GRACE-APF3236SEEZGQBDC Datasheet
1Mb / 4P
3.2 mm x 3.6 mm Full-Color Surface Mount LED Lamp
More results

Similar Description - APF3236SEEZGQBDC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APB3227SURKZGKC KINGBRIGHT-APB3227SURKZGKC Datasheet
296Kb / 4P
3.2 x 2.7 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APB3227ZGKQBDC TO-GRACE-APB3227ZGKQBDC Datasheet
910Kb / 4P
3.2 x 2.7 mm Surface Mount LED Lamp
APB3227SURKZGKC TO-GRACE-APB3227SURKZGKC Datasheet
900Kb / 4P
3.2 x 2.7 mm Surface Mount LED Lamp
APB3227SURKCGKC TO-GRACE-APB3227SURKCGKC Datasheet
914Kb / 4P
3.2 x 2.7 mm Surface Mount LED Lamp
APF3236LSEEZGKQBKC TO-GRACE-APF3236LSEEZGKQBKC Datasheet
1Mb / 4P
3.2 mm x 3.6 mm Full-Color Surface Mount LED Lamp
APF3236LSEKJ3ZGKQBKC TO-GRACE-APF3236LSEKJ3ZGKQBKC Datasheet
1,010Kb / 4P
3.2 mm x 3.6 mm Full-Color Surface Mount LED Lamp
AAAF5051-05 TO-GRACE-AAAF5051-05 Datasheet
1Mb / 5P
5.0 x 5.0 mm Full-Color Surface Mount LED Lamp
APF3236SEEZGKQBKC TO-GRACE-APF3236SEEZGKQBKC Datasheet
1Mb / 4P
3.2 mm x 3.6 mm Full-Color Surface Mount LED Lamp
APF3236SEEZGQBDC TO-GRACE-APF3236SEEZGQBDC Datasheet
1Mb / 4P
3.2 mm x 3.6 mm Full-Color Surface Mount LED Lamp
APF3236SEKJ3ZGKQBKC TO-GRACE-APF3236SEKJ3ZGKQBKC Datasheet
1Mb / 4P
3.2 mm x 3.6 mm Full-Color Surface Mount LED Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com