Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM74C48 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C48
Description  BCD-to-7 Segment Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C48 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74C48 Datasheet HTML 1Page - National Semiconductor (TI) MM74C48 Datasheet HTML 2Page - National Semiconductor (TI) MM74C48 Datasheet HTML 3Page - National Semiconductor (TI) MM74C48 Datasheet HTML 4Page - National Semiconductor (TI) MM74C48 Datasheet HTML 5Page - National Semiconductor (TI) MM74C48 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0 tpd1
Propagation Delay to a ‘‘1’’ or ‘‘0’’ on
VCC e 50V
450
1500
ns
Segment Outputs from Data Inputs
VCC e 10V
160
500
ns
tpd0
Propagation Delay to a ‘‘0’’ on
VCC e 50V
500
1600
ns
Segment Outputs from RB Input
VCC e 10V
180
550
ns
tpd0
Propagation Delay to a ‘‘0’’ on
VCC e 50V
350
1200
ns
Segment Outputs from Blanking Input
VCC e 10V
140
450
ns
tpd1
Propagation Delay to a ‘‘1’’ on
VCC e 50V
450
1500
ns
Segment Outputs from Lamp Test
VCC e 10V
160
500
ns
tpd1
Propagation Delay to a ‘‘1’’ on RB
VCC e 50V
600
2000
ns
Output from RB Input
VCC e 10V
250
800
ns
tpd0
Propagation Delay to a ‘‘0’’ on RB
VCC e 50V
140
450
ns
Output from RB Input
VCC e 10V
50
150
ns
AC Parameters are guaranteed by DC correlated testing
Typical Applications
Typical Connection Utilizing the Ripple-Blanking Feature
TLF5883 – 4
First three stages will blank leading zeros the fourth stage will not blank zeros
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com