Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP2K-DF+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # EP2K-DF+
Description  Power Splitter/Combiner Die
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EP2K-DF+ Datasheet(HTML) 2 Page - Mini-Circuits

  EP2K-DF+ Datasheet HTML 1Page - Mini-Circuits EP2K-DF+ Datasheet HTML 2Page - Mini-Circuits EP2K-DF+ Datasheet HTML 3Page - Mini-Circuits EP2K-DF+ Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
MMIC
Power Splitter/Combiner Die
REV. OR
M153146
EP2K-D+
RS/CP/AM
160510
EP2K-D+
Features
• Wide bandwidth, 2 to 26.5 GHz, usable over 1.8 to 28 GHz
• Excellent amplitude unbalance, 0.1 dB typ.
• Good phase unbalance, 1.5 to 8.5 deg. typ.
• High ESD level*
• DC passing
Applications
• WIMAX
• ISM
• Instrumentation
• Radar
• WLAN
• Satellite communications
• LTE
2 Way-0°
50Ω
2 to 26.5 GHz
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C1
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
2
26.5
GHz
Insertion Loss, above 3.0 dB2
2 - 5
0.8
dB
5 - 10
0.9
10 - 18
1.6
18 - 26.5
2.1
Isolation
2 - 5
9.5
dB
5 - 10
18.0
10 - 18
18.9
18 - 26.5
15.9
Phase Unbalance
2 - 5
1.5
Degree
5 - 10
2.9
10 - 18
6.0
18 - 26.5
8.5
Amplitude Unbalance
2 - 5
0.1
dB
5 - 10
0.1
10 - 18
0.2
18 - 26.5
0.3
VSWR (Port S)
2 - 5
1.6
:1
5 - 10
1.2
10 - 18
1.3
18 - 26.5
1.5
VSWR (Port 1-2)
2 - 5
1.7
:1
5 - 10
1.2
10 - 18
1.4
18 - 26.5
1.6
Simplified Electrical Schematic
Maximum Ratings2,3
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Power Input (as a splitter)
2.5W max. at 25°C. Derate linearly to 1.25W at 85°C
Internal Dissipation
1.7W max. at 25°C. Derate linearly to 1.1W at 85°C
DC Current
1.2A max. at 25°C. Derate linearly to 0.6A at 85°C
2. Permanent damage may occur if any of these limits are exceeded.
3. Die performance is measured in industry standard 4x4mm 24-lead MCLP package.
* ESD rating
Human body model (HBM): Class 2(1800 to <4000 V) in accordance with ANSI/ESD 5.1-2007
Machine model (MM): Class M3 (200 to <400 V) in accordance with ANSI/ESD 5.2-2009
1. Tested on Mini-Circuits die characterization test board.
Pad Connections
Pad
Description
RF IN
RF-IN as splitter / RF-OUT as combiner
RF OUT1
RF-OUT1 as splitter / RF-IN1 as combiner
RF OUT2
RF-OUT1 as splitter / RF-IN1 as combiner
Ordering Information: Refer to Last Page



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com