Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SS12E Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SS12E
Description  1 Amp Schottky Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS12E Datasheet(HTML) 1 Page - Micro Commercial Components

  SS12E Datasheet HTML 1Page - Micro Commercial Components SS12E Datasheet HTML 2Page - Micro Commercial Components SS12E Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS12E
THRU
SS110E
1 Amp Schottky
Rectifier
20 to 100 Volts
Features
•
Low Forward Voltage
•
Guard Ring Protection
•
High Current Capability
Maximum Ratings
•
Operating
Junction Temperature: -55°C to +125°C (SS12E~SS14E)
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 28
°C/W Junction To Lead
SS12E
SS12
20V
14V
20V
SS13E
SS13
30V
21V
30V
SS14E
SS14
40V
28V
40V
SS15E
SS15
50V
35V
50V
SS16E
SS16
60V
42V
60V
SS18E
SS18
80V
56V
80V
SS110E
SS110
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 100
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SS12E~14E
SS15E~16E
SS18E-110E
VF
.60V
.70V
.85V
IFM = 1.0A;
TJ = 25
°C*
Typical Junction
Capacitance
SS12E - SS16E
SS18E-SS110E
CJ
110pF
30pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
20mA
TA = 25
°C
TA = 100
°C
www.mccsemi.com
1 of 3
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
G
A
B
D
C
Cathode Band
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.01
2.44
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
G
.189
.208
4.80
5.30
H
.157
.180
4.00
4.57
J
.090
.115
2.29
2.92
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Revision: F
2016/05/16
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
MCC
Catalog
Device
Marking
Maximum
Recurrent
Number
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
90
°C/W Junction To Ambient
B
.045
.071
1.15
1.80
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
SMAE
-55
°C to +150°C(SS15E~SS110E)
Micro Commercial Components
M C C
R


Similar Part No. - SS12E

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12E PANJIT-SS12E Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SS12E TSC-SS12E Datasheet
523Kb / 3P
1.0 AMPS. Surface Mount Schottky Rectifiers
logo
Pan Jit International I...
SS12E PANJIT-SS12E Datasheet
117Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS12E MCC-SS12E Datasheet
205Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E Datasheet
234Kb / 3P
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
More results

Similar Description - SS12E

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS12 MCC-SS12 Datasheet
353Kb / 2P
1 Amp Schottky Rectifier 20 to 100 Volts
SK12-L MCC-SK12-L Datasheet
282Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12 MCC-SS12_11 Datasheet
187Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E Datasheet
205Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SK15-LTP MCC-SK15-LTP Datasheet
325Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
2013/01/01
SK110-LTP MCC-SK110-LTP Datasheet
312Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12-TP MCC-SS12-TP Datasheet
208Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS18E-TP MCC-SS18E-TP Datasheet
234Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12FL MCC-SS12FL Datasheet
369Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12-L MCC-SS12-L_17 Datasheet
338Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com