Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLDY1235G Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VLDY1235G
Description  Dome Lens SMD LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLDY1235G Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VLDY1235G Datasheet HTML 5Page - Vishay Siliconix VLDY1235G Datasheet HTML 6Page - Vishay Siliconix VLDY1235G Datasheet HTML 7Page - Vishay Siliconix VLDY1235G Datasheet HTML 8Page - Vishay Siliconix VLDY1235G Datasheet HTML 9Page - Vishay Siliconix VLDY1235G Datasheet HTML 10Page - Vishay Siliconix VLDY1235G Datasheet HTML 11Page - Vishay Siliconix VLDY1235G Datasheet HTML 12Page - Vishay Siliconix VLDY1235G Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
VLDS1235.., VLDR1235.., VLDK1235.., VLDY1235..
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 07-Jun-17
10
Document Number: 84280
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPING AND REEL DIMENSIONS in millimeters: VLD.1235G-08 (gullwing)
Drawing-No.: 9.800-5137.01-4
Issue: 1; 17.03.16
Terminal position in tape
Reel
Technical drawings
according to DIN
specifications
12.4
+2
0
Unreel direction
Label posted here
Tape position
coming out from reel
1500 pcs / reel
X
Leader and trailer tape
Parts mounted
Empty leader (400 mm min.)
Empty trailer (160 mm min.)
Direction of pulling out
Lead I
Lead II
Cathode
Anode
Device
VLDY153.G...-08
VLDK153.G...-08
VLDR153.G...-08
VLDS153.G...-08
3.05 ± 0.1
X 2:1
I
II
2 ± 0.05
4 ± 0.1
4 ± 0.1
Ø 1.55 ± 0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com