Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT32F12366 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT32F12366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F12366 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT32F12366 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 14Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 15Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 16Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 17Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 18Page - Holtek Semiconductor Inc HT32F12366 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Rev. 1.00
15 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
▆
Supports byte, half-word & word data size
▆
Programmable CRC initial seed value
▆
CRC computation executed in 1 AHB clock cycle for 8-bit data and 4 AHB clock cycles for 32-bit
data
▆
Supports PDMA to complete a CRC computation of a block of memory
The CRC calculation unit is an error detection technique test algorithm which is used to verify data
transmission or storage data correctness. A CRC calculation takes a data stream or a block of data
as input and generates a 16-bit or 32-bit output remainder. Ordinarily, a data stream is suffixed by
a CRC code and used as a checksum when being sent or stored. Therefore, the received or restored
data stream is calculated by the same generator polynomial as described above. If the new CRC
code result does not match the one calculated earlier, that means data stream contains a data error.
Peripheral Direct Memory Access – PDMA
▆
12 channels with trigger source grouping
▆
8/16/32-bit width data transfer
▆
Supports Address increment, decrement or fixed mode
▆
4-level programmable channel priority
▆
Auto reload mode
▆
Supports trigger source:
ADC, SPI, EBI, CRC, USART, UART, I2C, I2S, GPTM, MCTM, SCI, AES, SDIO and software
request
The Peripheral Direct Memory Access controller, PDMA, moves data between the peripherals
and the system memory on the AHB bus. Each PDMA channel has a source address, destination
address, block length and transfer count. The PDMA can exclude the CPU intervention and avoid
interrupt service routine execution. It improves system performance as the software does not need
to join each data movement operation.
External Bus Interface – EBI
▆
Programmable interface for various memory types
▆
Translate the AHB transactions into the appropriate external device protocol
▆
Memory bank regions and independent chip select control for each memory bank
▆
Programmable timings to support a wide range of devices
▆
Includes page read mode
▆
Automatic translation when the AHB transaction width and external memory interface width is
different
▆
Write buffer to decrease the stalling of the AHB write burst transaction
▆
Multiplexed and non-multiplexed address and data line configurations
● Up to 25 address lines
● Up to 16-bit data bus width
The external bus interface is able to access external parallel interface devices such as SRAM,
Flash and LCD modules. The interface is memory mapped into the internal address map of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com