Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT32F22366 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT32F22366
Description  32-Bit Arm Cortex -M3 Microcontroller, up to 256 KB Flash and 128 KB SRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F22366 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT32F22366 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 12Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 13Page - Holtek Semiconductor Inc HT32F22366 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Rev. 1.00
10 of 56
�ove��e� 0�� �01�
3�-Bit A��® Co�tex®-M3 MCU
HT3�F1�365/HT3�F1�366/HT3�F��366
I/O Ports – GPIO
▆
Up to 80 GPIOs
▆
Port A, B, C, D, E are mapped as 16 external interrupts – EXTI
▆
Almost I/O pins are configurable output driving current
There are up to 80 General Purpose I/O pins, GPIO, named from PA0 ~ PA15 to PE0 ~ PE15 for
the implementation of logic input/output functions. Each of the GPIO ports has a series of related
control and configuration registers to maximize flexibility and to meet the requirements of a wide
range of applications.
The GPIO ports are pin-shared with other alternative functions to obtain maximum functional
flexibility on the package pins. The GPIO pins can be used as alternative functional pins by
configuring the corresponding registers regardless of the input or output pins.
The external interrupts on the GPIO pins of the device have related control and configuration
registers in the External Interrupt Control Unit, EXTI.
Motor Control Timer – MCTM
▆
Two 16-bit up, down, up/down auto-reload counters
▆
16-bit programmable prescaler allowing division of the counter clock frequency by any factor
between 1 and 65536
▆
Input Capture function
▆
Compare Match Output
▆
PWM waveform generation with edge aligned and center-aligned Counting Modes
▆
Single Pulse Mode Output
▆
Complementary Outputs with programmable dead-time insertion
▆
Encoder interface controller with two inputs using quadrature decoder
▆
Supports 3-phase motor control and hall sensor interface
▆
Brake input to force the timer’s output signals into a reset or fixed condition
The Motor Control Timer consists of a single 16-bit up/down counter; four 16-bit CCRs (Capture/
Compare Registers), single 16-bit counter-reload register (CRR), single 8-bit repetition counter
and several control/status registers. It can be used for a variety of purposes including measuring
the pulse widths of input signals or generating output waveforms such as compare match outputs,
PWM outputs or complementary PWM outputs with dead-time insertion. The MCTM supports an
Encoder interface controller to an incremental encoder with two inputs. The MCTM is capable of
offering full functional support for motor control, hall sensor interfacing and brake input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com