Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REC16LA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # REC16LA
Description  Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (Sealed Series/Ø 16 mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC16LA Datasheet(HTML) 3 Page - Vishay Siliconix

  REC16LA Datasheet HTML 1Page - Vishay Siliconix REC16LA Datasheet HTML 2Page - Vishay Siliconix REC16LA Datasheet HTML 3Page - Vishay Siliconix REC16LA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series REC 16 LA
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
3
Document Number: 54018
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters, general tolerance ± 1 mm
ORDERING INFORMATION/DESCRIPTION
REC
16
LA
4
D
152
W...
e.
SERIES
MODEL
TYPE
THEORETICAL
ELECTRICAL
TRAVEL
LINEARITY
RESISTANCE
MODIFICATIONS
LEAD FINISH
Sealed
Times 25 mm
A:
 ± 1 %
D:
 ± 0.1 %
E:
 ± 0.05 %
F:
 ± 0.025 %
First 2 digits are
significant
numbers
3rd indicates
number of zeros
Special feature
code number
SAP PART NUMBERING GUIDELINES
RE
16 LA
4
D
152
W....
SERIES
MODEL
TET
LINEARITY
OHMIC VALUE
SPECIAL FEATURES
50
13
12
15
12
Ø 25
Ø 31.7
M 42 x 1.5
47 MAX.
Ø 50 MAX.
Ø 32
+ 0.02
- 0
...W04200
OTHER DESIGNS OF SUPPORT
...W04707
Ø 23
23
- 0.02
- 0.041
Ø 23
- 0.05
- 0.1
Ø 18.9
2.25
4
5
11
f7
...W04700
O. RING +
BACK-UP RING
Ø 18.4
Ø 23
Ø 23
Ø 23
Ø 18
23
2
- 0.007
- 0.02
4
8
4
5
- 0.05
- 0.1
- 0.05
- 0.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com