Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/ML Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC18F4539-E/ML
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/ML Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC18F4539-E/ML Datasheet HTML 49Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 50Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 51Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 52Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 53Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 54Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 55Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 56Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 51
PIC18FXX39
5.0
FLASH PROGRAM MEMORY
The FLASH Program Memory is readable, writable,
and erasable during normal operation over the entire
VDD range.
A read from program memory is executed on one byte
at a time. A write to program memory is executed on
blocks of 8 bytes at a time. Program memory is erased
in blocks of 64 bytes at a time. A bulk erase operation
may not be issued from user code.
Writing or erasing program memory will cease instruc-
tion fetches until the operation is complete. The pro-
gram memory cannot be accessed during the write or
erase, therefore, code cannot execute. An internal pro-
gramming timer terminates program memory writes
and erases.
A value written to program memory does not need to be
a valid instruction. Executing a program memory
location that forms an invalid instruction results in a
NOP
.
5.1
Table Reads and Table Writes
In order to read and write program memory, there are
two operations that allow the processor to move bytes
between the program memory space and the data
RAM:
• Table Read (TBLRD)
• Table Write (TBLWT)
The program memory space is 16-bits wide, while the
data RAM space is 8-bits wide. Table Reads and Table
Writes move data between these two memory spaces
through an 8-bit register (TABLAT).
Table Read operations retrieve data from program
memory and places it into the data RAM space.
Figure 5-1 shows the operation of a Table Read with
program memory and data RAM.
Table Write operations store data from the data mem-
ory space into holding registers in program memory.
The procedure to write the contents of the holding reg-
isters into program memory is detailed in Section 5.5,
“Writing to FLASH Program Memory”. Figure 5-2
shows the operation of a Table Write with program
memory and data RAM.
Table operations work with byte entities. A table block
containing data, rather than program instructions, is not
required to be word aligned. Therefore, a table block
can start and end at any byte address. If a Table Write
is being used to write executable code into program
memory, program instructions will need to be word
aligned.
FIGURE 5-1:
TABLE READ OPERATION
Table Pointer(1)
Table Latch (8-bit)
Program Memory
TBLPTRH
TBLPTRL
TABLAT
TBLPTRU
Instruction: TBLRD*
Note 1: Table Pointer points to a byte in program memory.
Program Memory
(TBLPTR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com