Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/ML Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC18F4539-E/ML
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/ML Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC18F4539-E/ML Datasheet HTML 117Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 118Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 119Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 120Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 121Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 122Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 123Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 124Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 119
PIC18FXX39
void ProMPT_SetAccelRate(unsigned char rate)
Resources used: 0 stack level
rate range: 0 to 255
Description: Sets the acceleration to the value of rate in Hz/second. The default setting is 10 Hz/s.
void ProMPT_SetBoostEndModulation(unsigned char modulation)
Resources used: Hardware Multiplier; 0 stack levels
modulation range: 0 to 200
Description: Sets the End Modulation (in %) for the Boost logic. Boost mode operates at Boost Frequency, and the
modulation ramps from BoostStartModulation to BoostEndModulation. This function should not be called while
Boost is enabled.
unsigned char ProMPT_SetBoostFrequency(unsigned char frequency)
Resources used: 0 stack levels
frequency range: 0 to 127
Description: Sets the frequency the drive goes to in Boost mode. Frequency must be < 128. On exit, w = 0 if the
command is successful, or w = FFh if the frequency is out of range. This function should not be called while Boost is
enabled.
void ProMPT_SetBoostStartModulation(unsigned char modulation)
Resources used: Hardware Multiplier; 0 stack levels
modulation range: 0 to BoostEndModulation
Description: Sets the Start Modulation (in %) for the Boost logic. Boost mode operates at Boost Frequency, and the
modulation ramps from BoostStartModulation to BoostEndModulation. This function should not be called while
Boost is enabled.
void ProMPT_SetBoostTime(unsigned char time)
Resources used: Hardware Multiplier; 0 stack levels
time range: 0 to 255
Description: Sets the amount of time in seconds for the Boost mode. Boost mode operates at Boost Frequency, and
the modulation ramps from BoostStartModulation to BoostEndModulation over BoostTime. This function
should not be called while Boost is enabled.
void ProMPT_SetDecelRate(unsigned char rate)
Resources used: 0 stack levels
rate range: 0 to 255
Description: Sets the deceleration to the value of rate in Hz per second. The default setting is 5 Hz/s.
unsigned char ProMPT_SetFrequency(unsigned char frequency)
Resources used: 2 stack levels
frequency range: 0 to 127
Description: Sets the output frequency of the drive if the drive is running. Frequency is limited to 0 to 127, but should
be controlled within the valid operational range of the motor. Modulation is determined from the V/F curve, which is set
up with the ProMPT_SetVFCurve method. If frequency = 0, the drive will stop. If the drive is stopped and frequency > 0,
the drive will start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com