| Electronic Components Datasheet Search |
|
PIC18F4539-E/ML Datasheet(PDF) 150 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4539-E/ML Datasheet(HTML) 150 Page - Microchip Technology |
|
150 / 322 page ![]() PIC18FXX39 DS30485A-page 148 Preliminary 2002 Microchip Technology Inc. 16.4.5 GENERAL CALL ADDRESS SUPPORT The addressing procedure for the I2C bus is such that, the first byte after the START condition usually deter- mines which device will be the slave addressed by the master. The exception is the general call address, which can address all devices. When this address is used, all devices should, in theory, respond with an Acknowledge. The general call address is one of eight addresses reserved for specific purposes by the I2C protocol. It consists of all ‘0’s with R/W = 0. The general call address is recognized when the Gen- eral Call Enable bit (GCEN) is enabled (SSPCON2<7> set). Following a START bit detect, 8-bits are shifted into the SSPSR and the address is compared against the SSPADD. It is also compared to the general call address and fixed in hardware. If the general call address matches, the SSPSR is transferred to the SSPBUF, the BF flag bit is set (eighth bit), and on the falling edge of the ninth bit (ACK bit), the SSPIF interrupt flag bit is set. When the interrupt is serviced, the source for the inter- rupt can be checked by reading the contents of the SSPBUF. The value can be used to determine if the address was device specific or a general call address. In 10-bit mode, the SSPADD is required to be updated for the second half of the address to match, and the UA bit is set (SSPSTAT<1>). If the general call address is sampled when the GCEN bit is set, while the slave is configured in 10-bit Address mode, then the second half of the address is not necessary, the UA bit will not be set, and the slave will begin receiving data after the Acknowledge (Figure 16-15). FIGURE 16-15: SLAVE MODE GENERAL CALL ADDRESS SEQUENCE (7 OR 10-BIT ADDRESS MODE) SDA SCL S SSPIF BF (SSPSTAT<0>) SSPOV (SSPCON1<6>) Cleared in software SSPBUF is read R/W = 0 ACK General Call Address Address is compared to General Call Address GCEN (SSPCON2<7>) Receiving data ACK 12 3 4 5 6 7 8 9 1 2 3 4 5 67 8 9 D7 D6 D5 D4 D3 D2 D1 D0 after ACK, set interrupt '0' '1' |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |