| Electronic Components Datasheet Search |
|
PIC18F4539-E/ML Datasheet(PDF) 162 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4539-E/ML Datasheet(HTML) 162 Page - Microchip Technology |
|
162 / 322 page ![]() PIC18FXX39 DS30485A-page 160 Preliminary 2002 Microchip Technology Inc. 16.4.17.1 Bus Collision During a START Condition During a START condition, a bus collision occurs if: a) SDA or SCL are sampled low at the beginning of the START condition (Figure 16-26). b) SCL is sampled low before SDA is asserted low (Figure 16-27). During a START condition, both the SDA and the SCL pins are monitored. If the SDA pin is already low, or the SCL pin is already low, then all of the following occur: • the START condition is aborted, • the BCLIF flag is set, and • the MSSP module is reset to its IDLE state (Figure 16-26). The START condition begins with the SDA and SCL pins de-asserted. When the SDA pin is sampled high, the baud rate generator is loaded from SSPADD<6:0> and counts down to ‘0’. If the SCL pin is sampled low while SDA is high, a bus collision occurs, because it is assumed that another master is attempting to drive a data '1' during the START condition. If the SDA pin is sampled low during this count, the BRG is reset and the SDA line is asserted early (Figure 16-28). If, however, a '1' is sampled on the SDA pin, the SDA pin is asserted low at the end of the BRG count. The baud rate generator is then reloaded and counts down to ‘0’, and during this time, if the SCL pins are sampled as '0', a bus collision does not occur. At the end of the BRG count, the SCL pin is asserted low. FIGURE 16-26: BUS COLLISION DURING START CONDITION (SDA ONLY) Note: The reason that bus collision is not a factor during a START condition, is that no two bus masters can assert a START condition at the exact same time. Therefore, one master will always assert SDA before the other. This condition does not cause a bus collision, because the two masters must be allowed to arbitrate the first address follow- ing the START condition. If the address is the same, arbitration must be allowed to continue into the data portion, Repeated START or STOP conditions. SDA SCL SEN SDA sampled low before SDA goes low before the SEN bit is set. S bit and SSPIF set because SSP module reset into IDLE state. SEN cleared automatically because of bus collision. S bit and SSPIF set because Set SEN, enable START condition if SDA = 1, SCL = 1 SDA = 0, SCL = 1. BCLIF S SSPIF SDA = 0, SCL = 1. SSPIF and BCLIF are cleared in software. SSPIF and BCLIF are cleared in software. Set BCLIF, START condition. Set BCLIF. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |