Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/MLQTP Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC18F4539-E/MLQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/MLQTP Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC18F4539-E/MLQTP Datasheet HTML 94Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 95Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 96Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 97Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 98Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 99Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 100Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 101Page - Microchip Technology PIC18F4539-E/MLQTP Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 322 page
background image
PIC18FXX39
DS30485A-page 96
Preliminary
 2002 Microchip Technology Inc.
9.6
Parallel Slave Port
The Parallel Slave Port is implemented on the 40-pin
devices only (PIC18F4X39).
PORTD also operates as an 8-bit wide Parallel Slave
Port, or microprocessor port, when control bit
PSPMODE (TRISE<4>) is set. It is asynchronously
readable and writable by the external world through RD
control input pin, RE0/AN5/RD and WR control input
pin, RE1/AN6/WR.
The PSP can directly interface to an 8-bit microproces-
sor data bus. The external microprocessor can read or
write the PORTD latch as an 8-bit latch. Setting bit
PSPMODE enables port pin RE0/AN5/RD to be the RD
input, RE1/AN6/WR to be the WR input and RE2/AN7/
CS to be the CS (chip select) input. For this functional-
ity, the corresponding data direction bits of the TRISE
register (TRISE<2:0>) must be configured as inputs
(set). The A/D port configuration bits, PCFG2:PCFG0
(ADCON1<2:0>), must be set, which will configure pins
RE2:RE0 as digital I/O.
A write to the PSP occurs when both the CS and WR
lines are first detected low. A read from the PSP occurs
when both the CS and RD lines are first detected low.
The PORTE I/O pins become control inputs for the
microprocessor port when bit PSPMODE (TRISE<4>)
is set. In this mode, the user must make sure that the
TRISE<2:0> bits are set (pins are configured as digital
inputs), and the ADCON1 is configured for digital I/O.
In this mode, the input buffers are TTL.
FIGURE 9-10:
PORTD AND PORTE
BLOCK DIAGRAM
(PARALLEL SLAVE
PORT)
FIGURE 9-11:
PARALLEL SLAVE PORT WRITE WAVEFORMS
Data Bus
WR LATD
RDx
Q
D
CK
EN
QD
EN
RD PORTD
Pin
One bit of PORTD
Set Interrupt Flag
PSPIF (PIR1<7>)
Read
Chip Select
Write
RD
CS
WR
Note: I/O pin has protection diodes to VDD and VSS.
TTL
TTL
TTL
TTL
or
PORTD
RD LATD
Data Latch
TRIS Latch
Q1
Q2
Q3
Q4
CS
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
WR
RD
IBF
OBF
PSPIF
PORTD<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com