Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/PQTP Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC18F4539-E/PQTP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/PQTP Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC18F4539-E/PQTP Datasheet HTML 9Page - Microchip Technology PIC18F4539-E/PQTP Datasheet HTML 10Page - Microchip Technology PIC18F4539-E/PQTP Datasheet HTML 11Page - Microchip Technology PIC18F4539-E/PQTP Datasheet HTML 12Page - Microchip Technology PIC18F4539-E/PQTP Datasheet HTML 13Page - Microchip Technology PIC18F4539-E/PQTP Datasheet HTML 14Page - Microchip Technology PIC18F4539-E/PQTP Datasheet HTML 15Page - Microchip Technology PIC18F4539-E/PQTP Datasheet HTML 16Page - Microchip Technology PIC18F4539-E/PQTP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 11
PIC18FXX39
TABLE 1-2:
PIC18F2X39 PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
DIP
SOIC
MCLR/VPP
MCLR
VPP
11
I
I
ST
ST
Master Clear (input) or high voltage ICSP programming
enable pin.
Master Clear (Reset) input. This pin is an active low
RESET to the device.
High voltage ICSP programming enable pin.
NC
—
—
—
—
These pins should be left unconnected.
OSC1/CLKI
OSC1
CLKI
99
I
I
CMOS
CMOS
Oscillator crystal or external clock input.
Oscillator crystal input or external clock source input.
External clock source input. Always associated with
pin function OSC1. (See related OSC1/CLKI,
OSC2/CLKO pins.)
OSC2/CLKO/RA6
OSC2
CLKO
RA6
10
10
O
O
I/O
—
—
TTL
Oscillator crystal or clock output.
Oscillator crystal output. Connects to crystal or
resonator in Crystal Oscillator mode.
In EC mode, OSC2 pin outputs CLKO which has 1/4
the frequency of OSC1, and denotes the instruction
cycle rate.
General purpose I/O pin.
PORTA is a bi-directional I/O port.
RA0/AN0
RA0
AN0
22
I/O
I
TTL
Analog
Digital I/O.
Analog input 0.
RA1/AN1
RA1
AN1
33
I/O
I
TTL
Analog
Digital I/O.
Analog input 1.
RA2/AN2/VREF-
RA2
AN2
VREF-
44
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog input 2.
A/D Reference Voltage (Low) input.
RA3/AN3/VREF+
RA3
AN3
VREF+
55
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog input 3.
A/D Reference Voltage (High) input.
RA4/T0CKI
RA4
T0CKI
66
I/O
I
ST/OD
ST
Digital I/O. Open drain when configured as output.
Timer0 external clock input.
RA5/AN4/SS/LVDIN
RA5
AN4
SS
LVDIN
77
I/O
I
I
I
TTL
Analog
ST
Analog
Digital I/O.
Analog input 4.
SPI Slave Select input.
Low Voltage Detect input.
RA6
See the OSC2/CLKO/RA6 pin.
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
OD = Open Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com