Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PQF-SSG Datasheet(PDF) 16 Page - DOMINANT Semiconductors

Part # PQF-SSG
Description  PrimaxPlus
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

PQF-SSG Datasheet(HTML) 16 Page - DOMINANT Semiconductors

Back Button PQF-SSG Datasheet HTML 10Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 11Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 12Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 13Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 14Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 15Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 16Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 17Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 18Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
10/07/2017 V6.0
16
InGaN Warm White: PQF-SSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Appendix
1)
Brightness:
1.1
Luminous intensity is measured with an internal reproducibility of ± 8 % and an expanded uncertainty of
± 11 % (according to GUM with a coverage factor of k=3).
1.2
Luminous flux is measured with an internal reproducibility of ± 8 % and an expanded uncertainty of ± 11 %
(according to GUM with a coverage factor of k=3).
2)
Color:
2.1
Chromaticity coordinate groups are measured with an internal reproducibility of ± 0.005 and an expanded
uncertainty of ± 0.01 (accordingly to GUM with a coverage factor of k=3).
2.2
DOMINANT wavelength is measured with an internal reproducibility of ± 0.5nm and an expanded uncertainty
of ± 1nm (accordingly to GUM with a coverage factor of k=3).
3)
Voltage:
3.1
Forward Voltage, Vf is measured with an internal reproducibility of ± 0.05V and an expanded uncertainty of
± 0.1V (accordingly to GUM with a coverage factor of k=3).
4)
Corrosion Robustness:
4.1
Test conditions: 40 °C / 90 % rh / 15 ppm H
2S / 336 h.
= Stricter than IEC 60068-2-43 (H
2S) [25 °C / 75% rh / 10 ppm H2S / 21 days].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com