Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

REC3-SDR Datasheet(PDF) 1 Page - Recom International Power

Part # REC3-SDR
Description  Low Cost 3W converter in DIP24 Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3-SDR Datasheet(HTML) 1 Page - Recom International Power

  REC3-SDR Datasheet HTML 1Page - Recom International Power REC3-SDR Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
REC3-S_DR
EN-60950-1 Certified
Features
Regulated
Converters
● Low Cost 3W converter in DIP24 Package
● 1kVDC Isolation
● Regulated Output
● Continuous Short Circuit Protection
● Internal SMD design
● 3 Pinout Options, 3 Case Styles.
● Efficiency to 75 %
3 Watt
DIP24 & SMD
Single & Dual
Output
100
60
20
40
50
0
-40
80
150
Operating Temperature °C
0
80
Safe Operating Area
105
(1.5W) 50
(2W) 67
96
Derating-Graph
(Ambient Temperature)
Selection Guide
Part
Input
Output
Output
Max
Number
Voltage
Voltage
Current
Capacitive
DIP24 (SMD)
(VDC)
(VDC)
(mA)
Load(1)
REC3-xx05SR/H1
5, 12, 24
5
600
4700µF
REC3-xx12SR/H1
5, 12, 24
12
250
2200µF
REC3-xx15SR/H1
5, 12, 24
15
200
2200µF
REC3-xx05DR/H1
5, 12, 24
±5
±300
±2200µF
REC3-xx12DR/H1
5, 12, 24
±12
±125
±1000µF
REC3-xx15DR/H1
5, 12, 24
±15
±100
±1000µF
xx = Input Voltage. Other input and output voltage combinations available on request.
* add suffix "/SMD" for SMD package, e.g. REC3-0505SR/H1/SMD
* add suffix "/M" for Metal Case, e.g. REC3-0505SR/H1/M
* add suffix -R for Tape and Reel packaging, e.g. REC3-0505SR/H1/SMD-R
Input Voltage Range
5V
4.5V - 5.75V
12V
10.2V - 13.8V
24V
20.4V - 27.6V
Output Voltage Accuracy
±3% typ.
Line Voltage Regulation
±0.5% max
Load Voltage Regulation (10% to 100% full load )
±1% max.
Minimum Load
10% (2)
Output Ripple and Noise (at 20MHz BW)
100mVp-p max.
Operating Frequency
75kHz min.
Efficiency at Full Load
65% min.
No Load Power Consumption
300mW max.
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute**)
500VAC / 60Hz
Isolation Capacitance
30pF typ.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range (free air convection)
-40°C to +80°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Thermal Impedance
Natural convection
20°C/W for plastic case
12°C/W for metal case
Package Weight
12g
Packing Quantity
15 pcs per Tube
100 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
950 x 103 hours
(+80°C)
using MIL-HDBK 217F
145 x 103 hours
continued on next page
The REC3-SR/DR series is a low cost converter containing a built in linear regulator to
give a regulated, load independent constant voltage output. The converter is designed to
run from a regulated supply and is typically used to provide an isolated output or to
generate dual rails from a single rail supply. The converters can deliver 140% rated power
for short periods of time to cope with applications with large capacitive loads or high start
up currents.
Description
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Refer to Application Notes
}DetailedInformationsee
Application Notes chapter "MTBF"
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indicative nature
and based on our practical experience only. For further details,
please refer to our Application Notes.
REV: 0/2015
E-139
www.recom-power.com


Similar Part No. - REC3-SDR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-SDRW RECOM-REC3-SDRW Datasheet
131Kb / 4P
2kV, 4kVDC & 6kVDC Isolation
More results

Similar Description - REC3-SDR

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIAR03 MINMAX-MIAR03 Datasheet
756Kb / 4P
DC/DC CONVERTER 3W, DIP-24 Plastic Package Cost optimized Design
MA03 MINMAX-MA03 Datasheet
543Kb / 4P
DC/DC CONVERTER 3W High Power Density, 3W in SIP-7 Package
MCW03 MINMAX-MCW03_16 Datasheet
601Kb / 4P
DC/DC CONVERTER 3W, SIP-Package
MCWI03 MINMAX-MCWI03_16 Datasheet
582Kb / 4P
DC/DC CONVERTER 3W, SIP-Package
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
DC/DC CONVERTER 3W, DIP Package
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
DC/DC CONVERTER 3W, DIP-Package
MSCWI03 MINMAX-MSCWI03 Datasheet
921Kb / 5P
DC/DC CONVERTER 3W, SMD Package
MSDWI03 MINMAX-MSDWI03_15 Datasheet
580Kb / 5P
DC/DC CONVERTER 3W, SMD Package
logo
Recom International Pow...
RW-D RECOM-RW-D Datasheet
96Kb / 2P
DIP24 Low Profile Package
RW-S RECOM-RW-S Datasheet
99Kb / 3P
DIP24 Low Profile Miniature Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com