Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC16C550B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C550B
Description  5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C550B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C550B Datasheet HTML 9Page - NXP Semiconductors SC16C550B Datasheet HTML 10Page - NXP Semiconductors SC16C550B Datasheet HTML 11Page - NXP Semiconductors SC16C550B Datasheet HTML 12Page - NXP Semiconductors SC16C550B Datasheet HTML 13Page - NXP Semiconductors SC16C550B Datasheet HTML 14Page - NXP Semiconductors SC16C550B Datasheet HTML 15Page - NXP Semiconductors SC16C550B Datasheet HTML 16Page - NXP Semiconductors SC16C550B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Philips Semiconductors
SC16C550B
5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Product data
Rev. 02 — 14 December 2004
13 of 47
9397 750 14446
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.4 Hardware/software and time-out interrupts
Following a reset, the transmitter interrupt is enabled, the SC16C550B will issue an
interrupt to indicate that the Transmit Holding Register is empty. This interrupt must
be serviced prior to continuing operations. The ISR register provides the current
singular highest priority interrupt only. Only after servicing the higher pending
interrupt will the lower priority be reflected in the status register. Servicing the
interrupt without investigating further interrupt conditions can result in data errors.
When two interrupt conditions have the same priority, it is important to service these
interrupts correctly. Receive Data Ready and Receive Time Out have the same
interrupt priority (when enabled by IER[0]). The receiver issues an interrupt after the
number of characters have reached the programmed trigger level. In this case, the
SC16C550B FIFO may hold more characters than the programmed trigger level.
Following the removal of a data byte, the user should re-check LSR[0] for additional
characters. A Receive Time Out will not occur if the receive FIFO is empty. The
time-out counter is reset at the center of each stop bit received or each time the
receive holding register (RHR) is read. The actual time-out value is 4 character time,
including data information length, start bit, parity bit, and the size of stop bit, i.e., 1
×,
1.5
×, or 2× bit times.
(1) RTS is de-asserted when the receiver receives the first data bit of the sixteenth byte. The receive FIFO is full after finishing
the sixteenth byte.
(2) RTS is asserted again when there is at least one byte of space available and no incoming byte is in processing, or there is
more than one byte of space available.
(3) When the receive FIFO is full, the first receive buffer register read re-asserts RTS.
Fig 8.
RTS functional timing waveforms, RCV FIFO trigger level = 14 bytes.
byte 14
byte 15
RX
RTS
IOR
(RD RBR)
Start
byte 18
Stop
Start
byte 16
Stop
002aaa051
RTS released after the
first data bit of byte 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com