Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA21 Datasheet(PDF) 2 Page - Lumins Inc.

Part # MA21
Description  Cast aluminum LED heat sink
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

MA21 Datasheet(HTML) 2 Page - Lumins Inc.

  MA21 Datasheet HTML 1Page - Lumins Inc. MA21 Datasheet HTML 2Page - Lumins Inc. MA21 Datasheet HTML 3Page - Lumins Inc. MA21 Datasheet HTML 4Page - Lumins Inc. MA21 Datasheet HTML 5Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872 Email: info@luminis.com
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
2
ELECTRICAL
PH
Photocell2
FS
Fuse2
SP
Surge protector 10KV
M
SD Motion sensor device (Hi/Low to 25%)3
MOUNTING
AC8
Pole mount attachment with 45º support
2AC8
Double pole mount attachment with 45º
support at 180º
ACW
Wall mount attachment with 45º support
EC8P
Pole mount attachment with stacked arm
2EC8P Double pole mount attachment with stacked
arms at 180º
EC8PS Pole mount attachment with short stacked
arm (MA20 only)
2EC8PS Double pole mount attachment with short
stacked arms at 180º (MA20 only)
EC8W
Wall mount attachment with stacked arm
EC8WS Wall mount attachment with short stacked
arm (MA20 only)
TN3
3” Tenon pole adaptor5
PR8
Pedestal mount adaptor
BLC
Back light control4
ACCESSORIES
MA20/MA21 SERIES
MAYA - LED
NOTES
1-
If no voltage is specified, luminaires are factory prewired by default for 120V. For other voltages, please specify with catalog number, or consult
factory.
2-
Fuse and photocell options are normally installed with poles when specified with Luminis luminaires. (Except for other types of mounting.)
3-
MSD: The sensor is integral to the luminaire. One sensor is required for up to 250º coverage and two sensors are required for 360º coverage.
4-
BLC: Back Light Control - Type II Distribution.
5-
3” tenon pole adaptor only required for 3” O.D. poles by others.
STANDARD COLORS
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
SGT Steel Gray
OPTIONAL COLORS
CS
Custom color
RAL RAL# color
(Refer to color chart)
LUMINAIRE SELECTION
120V
277V
Optional
347V
480V
MODEL#
LED LIGHT SELECTION (4000K/80CRI)
VOLTAGE 1
FINISH
MA20
OPTIONS
NOTE: Above wattage values are based on 277V, tested at 25ºC/ 77ºF ambient temperature.
Wattage may vary by approx. +/- 10% for other voltages, or due to changes in ambient temperature.
Lumen output will remain constant.
Type III
Type IV
Type V
Type II
MA21
INPUT
DELIVERED
WATTS LUMENS
MODEL
34W
4170
MA20-L1W30r1-R2
MA21-L1W30r1-R2
69W
7994
MA20-L2W30r1-R2
MA21-L2W30r1-R2
112W
11029
MA20-L3W30r1-R2
MA21-L3W30r1-R2
138W
13284
MA20-L3W46r0-R2
MA21-L3W46r0-R2
38W
4395
MA20-L1W30r1-R3
MA21-L1W30r1-R3
76W
8697
MA20-L2W30r1-R3
MA21-L2W30r1-R3
111W
11177
MA20-L3W30r1-R3
MA21-L3W30r1-R3
135W
12697
MA20-L3W46r0-R3
MA21-L3W46r0-R3
38W
4493
MA20-L1W30r1-R4
MA21-L1W30r1-R4
75W
8482
MA20-L2W30r1-R4
MA21-L2W30r1-R4
111W
11105
MA20-L3W30r1-R4
MA21-L3W30r1-R4
135W
12378
MA20-L3W46r0-R4
MA21-L3W46r0-R4
36W
4243
MA20-L1W30r1-R5
MA21-L1W30r1-R5
69W
7937
MA20-L2W30r1-R5
MA21-L2W30r1-R5
113W
11274
MA20-L3W30r1-R5
MA21-L3W30r1-R5
139W
12639
MA20-L3W46r0-R5
MA21-L3W46r0-R5
Alternate CCT ºK LED (LCF: Lumen conversion
factor)
K27
2700K CCT 80 CRI (LCF: 0.91)
K3
3000K CCT 80 CRI (LCF: 0.94)
K35
3500K CCT 80 CRI (LCF: 0.983)
K5
5000K CCT 80 CRI (LCF: 1.01)
NOTE: Other CCT & higher CRI available,
please consult factory.
LIGHT
AMBER LED LIGHT SELECTION
INPUT
DELIVERED
WATTS LUMENS
MODEL
17W
388
MA20-L1W18K2A
MA21-L1W18K2A
34W
776
MA20-L2W18K2A
MA21-L2W18K2A
51W
1164
MA20-L3W18K2A
MA21-L3W18K2A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com