Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CP10.121 Datasheet(PDF) 12 Page - PULS GmbH

Part # CP10.121
Description  12V, 16A, 192W, SINGLE PHASE INPUT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.121 Datasheet(HTML) 12 Page - PULS GmbH

Back Button CP10.121 Datasheet HTML 8Page - PULS GmbH CP10.121 Datasheet HTML 9Page - PULS GmbH CP10.121 Datasheet HTML 10Page - PULS GmbH CP10.121 Datasheet HTML 11Page - PULS GmbH CP10.121 Datasheet HTML 12Page - PULS GmbH CP10.121 Datasheet HTML 13Page - PULS GmbH CP10.121 Datasheet HTML 14Page - PULS GmbH CP10.121 Datasheet HTML 15Page - PULS GmbH CP10.121 Datasheet HTML 16Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
CP10.121, CP10.122
CP-Series
12V, 16A, 192W, SINGLE PHASE INPUT
13. FUNCTIONAL DIAGRAM
Fig. 13-1 Functional diagram
+
+
-
-
Output
Over-
Voltage
Protection
PFC
Converter
Output
Voltage
Regulator
Power
Converter
Output
Filter
Output
Power
Manager
Temper-
ature
Shut-
down
Input Fuse
Input Filter
Input Rectifier
Inrush Current Limiter
V
OUT
L
N
DC-ok
Contact
DC-ok
LED
DC-ok
Relay
-
Remote
ON / OFF
(Shut-down)
13
14
ON/
OFF
15
16
Aug. 2017 / Rev. 1.3 DS-CP10.121-EN
All parameters are typical values specified at 230Vac, 50Hz input voltage, 12V 16A output, 25°C ambient temperature and
after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
12/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com