Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC082S021EVAL Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC082S021EVAL
Description  2 Channel, 200 KSPS, 8-Bit A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC082S021EVAL Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button ADC082S021EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC082S021EVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC082S021EVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC082S021EVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC082S021EVAL Datasheet HTML 12Page - National Semiconductor (TI) ADC082S021EVAL Datasheet HTML 13Page - National Semiconductor (TI) ADC082S021EVAL Datasheet HTML 14Page - National Semiconductor (TI) ADC082S021EVAL Datasheet HTML 15Page - National Semiconductor (TI) ADC082S021EVAL Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Typical Performance Characteristics T
A = +25˚C, fSAMPLE = 50 kSPS to 200 kSPS, fSCLK = 0.8 MHz
to 3.2 MHz, f
IN = 39.9 kHz unless otherwise stated. (Continued)
SFDR vs. Clock Frequency
SINAD vs. Clock Frequency
20124841
20124846
SFDR vs. Clock Duty Cycle
SINAD vs. Clock Duty Cycle
20124842
20124847
SFDR vs. Input Frequency
SINAD vs. Input Frequency
20124843
20124848
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com