Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5658-Q Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC5658-Q
Description  NPN General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC5658-Q Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC5658-Q Datasheet HTML 1Page - Micro Commercial Components 2SC5658-Q Datasheet HTML 2Page - Micro Commercial Components 2SC5658-Q Datasheet HTML 3Page - Micro Commercial Components 2SC5658-Q Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN
General Purpose
Transistors
Features
Complement to 2SA
2029
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
150
mA
PC
Collector Dissipation
1
00
mW
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1mAdc, IB=0)
50
---
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=50
µAdc, I
E=0)
60
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=50
µAdc, I
C=0)
7
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=
60Vdc, I
E=0Vdc)
---
---
0.
1
­Adc
IEBO
Emitter Cutoff Current
(VEB=
7Vdc, I
C=0Vdc)
---
---
0.
1
­Adc
hFE
DC Current Gain
(IC=1mAdc, VCE=6Vdc)
120
---
560
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=50mAdc, IB=5mAdc)
---
---
0.4
Vdc
fT
Transition Frequency
(VCE=12Vdc, IC=2mAdc, f=100MHz)
---
180
---
MHz
Cob
Output Capacitance
(VCB=12Vdc, f=1.0MHz, IE=0)
---
---
3.5
pF
Classification OF hFE
Rank
Q
R
S
Range
120-270
180-390
270-560
Marking
BQ
BR
BS
SOT-
723
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision: A
2016/02/18
www.mccsemi.com
1 of
4
2SC
5658-Q
2SC
5658-R
2SC
5658-S
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
A
C B
D
G
J
E
F
1
2
3
H
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
. 04
5
.0
49
1.1
5
1.
25
C
. 0 30
.033
E
F
G
.000
.0
02
.0
00
.
050
H
J
.003
.00
6
.0
80
.1
50
B
. 04
5
.0
49
1.1
5
1.
25
0.75
0.85
0.
27
0.
37
.0
11
.0
15
0.
27
0.
17
0.5
0
0.4
3
.00
7
.0
11
.01
7
.02
0
D
.03
1TYP.
0.8
0TYP.
E
B
C
Micro Commercial Components
M C C
R


Similar Part No. - 2SC5658-Q

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2SC5658-Q TSC-2SC5658-Q Datasheet
227Kb / 3P
NPN Transistor Small Signal Product
2SC5658-Q TSC-2SC5658-Q Datasheet
227Kb / 3P
NPN Transistor
logo
SeCoS Halbleitertechnol...
2SC5658-Q-C SECOS-2SC5658-Q-C Datasheet
311Kb / 2P
NPN Plastic Encapsulated Transistor
logo
Taiwan Semiconductor Co...
2SC5658-Q TSC-2SC5658-Q_16 Datasheet
589Kb / 5P
Taiwan Semiconductor
More results

Similar Description - 2SC5658-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Will Semiconductor Ltd.
WNT2F04 WILLSEMI-WNT2F04 Datasheet
698Kb / 4P
NPN, General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com