Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBRD20U100CT Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MBRD20U100CT
Description  Laser Marking or Ink Marking
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MBRD20U100CT Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MBRD20U100CT Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
MBRD20U100CT
2016. 06. 09
1/1
MARKING SPECIFICATION
DPAK(1) PACKAGE
Revision No : 0
1. Marking method
Laser Marking or Ink Marking.
2. Marking
20U100
001
M B R
4
2
CT
3
1
No.
Item
Marking
Description
Device Name
MBR
Planar SBD
20U100
100V / 20A
CT
Common Cathode
Lot No.
001
0
Year
0~9:2010~2019
01
Week
01:1st Week


Similar Part No. - MBRD20U100CT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MBRD20U200CT KEC-MBRD20U200CT Datasheet
352Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
MBRD20U60CT KEC-MBRD20U60CT Datasheet
352Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - MBRD20U100CT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431B KEC-KIA431B Datasheet
8Kb / 1P
Laser Marking
KID65003AF KEC-KID65003AF Datasheet
39Kb / 1P
MARKING SPECIFICATION
KRC235M KEC-KRC235M Datasheet
16Kb / 1P
SEMICONDUCTOR MARKING SPECIFICATION
logo
Alpha & Omega Semicondu...
AOWF12N60 AOSMD-AOWF12N60 Datasheet
114Kb / 1P
Marking Description
logo
KEC(Korea Electronics)
2N2904E KEC-2N2904E_08 Datasheet
32Kb / 1P
Laser Marking
2N2906E KEC-2N2906E_08 Datasheet
21Kb / 1P
Laser Marking
2N3904C KEC-2N3904C_00 Datasheet
30Kb / 1P
Laser Marking
logo
AVX Corporation
TAJA106M006RNJ AVX-TAJA106M006RNJ Datasheet
63Kb / 1P
Marking
TAJD476M010RNJ AVX-TAJD476M010RNJ Datasheet
63Kb / 1P
Marking
logo
Lapp.
83257106 LAPP-83257106 Datasheet
611Kb / 7P
DYMO XTL™ MARKING KIT & MARKING TAPE
08.11.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com