Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F2V-12 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PSD813F2V-12
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V-12 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PSD813F2V-12 Datasheet HTML 9Page - STMicroelectronics PSD813F2V-12 Datasheet HTML 10Page - STMicroelectronics PSD813F2V-12 Datasheet HTML 11Page - STMicroelectronics PSD813F2V-12 Datasheet HTML 12Page - STMicroelectronics PSD813F2V-12 Datasheet HTML 13Page - STMicroelectronics PSD813F2V-12 Datasheet HTML 14Page - STMicroelectronics PSD813F2V-12 Datasheet HTML 15Page - STMicroelectronics PSD813F2V-12 Datasheet HTML 16Page - STMicroelectronics PSD813F2V-12 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
13/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
Note: 1. The pin numbers in this table are for the PLCC package only. See the package information from Table 74., page 102 onwards, for
pin numbers on other package types.
2. These functions can be multiplexed with other functions.
PC7
11
I/O
PC7 pin of Port C. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
CPLD macrocell (McellBC7) output.
Input to the PLDs.
DBE – active Low Data Byte Enable input from 68HC912 type MCUs.
This pin can be configured as a CMOS or Open Drain output.
PD0
10
I/O
PD0 pin of Port D. This port pin can be configured to have the following functions:
ALE/AS input latches address output from the MCU.
MCU I/O – write or read from a standard output or input port.
Input to the PLDs.
CPLD output (External Chip Select).
PD1
9
I/O
PD1 pin of Port D. This port pin can be configured to have the following functions:
MCU I/O – write to or read from a standard output or input port.
Input to the PLDs.
CPLD output (External Chip Select).
CLKIN – clock input to the CPLD macrocells, the APD Unit’s Power-down counter, and
the CPLD AND Array.
PD2
8
I/O
PD2 pin of Port D. This port pin can be configured to have the following functions:
MCU I/O - write to or read from a standard output or input port.
Input to the PLDs.
CPLD output (External Chip Select).
PSD Chip Select Input (CSI). When Low, the MCU can access the PSD memory and I/O.
When High, the PSD memory blocks are disabled to conserve power.
VCC
15, 38
Supply Voltage
GND
1, 16,
26
Ground pins
Pin Name
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com