Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE7158 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7158
Description  DPDT Electromechanical Relay Pulse Latching Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7158 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7158 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7158 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7158 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
SP4T Electromechanical Relay Normally Open Switch DC to 18 GHz, SMA, 35 Watts, 28V Control from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP4T Electromechanical Relay Normally Open Switch DC to 18 GHz, SMA, 35 Watts, 28V Control
PE7158
URL:
http://www.pasternack.com/sma-electromechanical-sp4t-switch-18ghz-35watts-22-30volts-f-n-pe7158-p.aspx
PE7158 REV 1.1
SP4T Electromechanical Relay Normally Open Switch
DC to 18 GHz, SMA, 35 Watts, 28V Control
Electromechanical Relay Switches Technical Data
PE7158



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com