Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH4703AS Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4703AS
Description  OSLON Black Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4703AS Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4703AS Datasheet HTML 1Page - OSRAM GmbH SFH4703AS Datasheet HTML 2Page - OSRAM GmbH SFH4703AS Datasheet HTML 3Page - OSRAM GmbH SFH4703AS Datasheet HTML 4Page - OSRAM GmbH SFH4703AS Datasheet HTML 5Page - OSRAM GmbH SFH4703AS Datasheet HTML 6Page - OSRAM GmbH SFH4703AS Datasheet HTML 7Page - OSRAM GmbH SFH4703AS Datasheet HTML 8Page - OSRAM GmbH SFH4703AS Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2017-04-07
4
DRAFT – For Reference only.
Subject to change without notice.
Preliminary Version 0.0
SFH 4703AS
Relative Spectral Emission 1) page 13
Irel = f (λ), TA = 25 °C, IF =1A, tp = 10 ms
Radiant Intensity 1) page 13
Ie / Ie(1 A) = f(IF), single pulse, tp = 100 µs,
TA= 25°C
Max. Permissible Forward Current
IF = f (TS), RthJS = 16 K/W
Forward Current 1) page 13
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
700
0
nm
%
OHF05650
20
40
60
80
100
Irel
λ
750
800
850
950
OHF05651
I
F
A
10
5 10
5 10
10 1
e (1 A)
I
e
I
-1
0
-2
10
5
10-1
5
100
101
-2
SFH 4703AS
0
20
40
60
80 100 120 140
TA [°C]
0
200
400
600
800
1000
IF [A]
OHF05652
F
I
V
A
2.5
F
V
5
5
0
10
1
10
10
-1
10
-2
3
3.5
4
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com