Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTS-5825SW-P Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LTS-5825SW-P
Description  LED Display
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-5825SW-P Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTS-5825SW-P Datasheet HTML 5Page - Lite-On Technology Corporation LTS-5825SW-P Datasheet HTML 6Page - Lite-On Technology Corporation LTS-5825SW-P Datasheet HTML 7Page - Lite-On Technology Corporation LTS-5825SW-P Datasheet HTML 8Page - Lite-On Technology Corporation LTS-5825SW-P Datasheet HTML 9Page - Lite-On Technology Corporation LTS-5825SW-P Datasheet HTML 10Page - Lite-On Technology Corporation LTS-5825SW-P Datasheet HTML 11Page - Lite-On Technology Corporation LTS-5825SW-P Datasheet HTML 12Page - Lite-On Technology Corporation LTS-5825SW-P Datasheet HTML 13Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
PART NO.: LTS-5825SW-P
PAGE:
12
of
12
BNS-OD-C131/A4
Moisture Proof Packaging
All N/D SMD displays are shipped in moisture proof package. The displays should be stored at 30°C or
less and 90% RH or less. Once the package opened, moisture absorption begins.
Baking Conditions
If the parts are not stored in dry conditions, they must be baked before reflow to prevent damage to the
parts.
Package
Temperature
Time
In Reel
60°C
≧48hours
In Bulk
100°C
≧4hours
125°C
≧2hours
Baking should only be done once.
UNITS IN A SEALED
MOISTURE-PROOF
PACKAGE
PACKAGE IS
OPENED (UNSEALED)
ENVIRONMENT LESS
THAN 30
oC, AND
LESS THAN 60% RH?
PERFORM
RECOMMENDED
BAKING CONDITIONS
BAKING IS NOT
NECESSARY
PACKAGE IS
OPENED MORE
THAN 1 WEEK
DAYS?
YES
NO
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com